Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LLCC68 Datasheet(PDF) 76 Page - Semtech Corporation

Part # LLCC68
Description  Long Range, Low Power, sub-GHz RF Transceiver
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

LLCC68 Datasheet(HTML) 76 Page - Semtech Corporation

Back Button LLCC68 Datasheet HTML 72Page - Semtech Corporation LLCC68 Datasheet HTML 73Page - Semtech Corporation LLCC68 Datasheet HTML 74Page - Semtech Corporation LLCC68 Datasheet HTML 75Page - Semtech Corporation LLCC68 Datasheet HTML 76Page - Semtech Corporation LLCC68 Datasheet HTML 77Page - Semtech Corporation LLCC68 Datasheet HTML 78Page - Semtech Corporation LLCC68 Datasheet HTML 79Page - Semtech Corporation LLCC68 Datasheet HTML 80Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 111 page
background image
LLCC68
Data Sheet
Rev. 1.1
DS.LLCC68.W.APP
Dec 2024
76 of 111
Semtech
LLCC68
www.semtech.com
13.1.14.1 PA Optimal Settings
PA optimal settings are used to maximize the PA efficiency when the requested output power is lower than the nominal +22dBm. For
example, the maximum output power in Japan is +10dBm, and in China it is +17dBm in some bands. Those optimal settings require:
• a dedicated matching / PA load impedance
• a specific tweaking of the PA settings, described in Table 13-21: PA Operating Modes with Optimal Settings
Note: These changes make the use of nominal power either sub-optimal or unachievable.
Caution! The following restrictions must be observed to avoid voltage overstress on the PA, exceeding the maximum ratings may
cause irreversible damage to the device: paDutyCycle should not be higher than 0x04.
13.1.15 SetRxTxFallbackMode
The command SetRxTxFallbackMode() defines into which mode the chip goes after a successful transmission or after a packet
reception.
The fallbackMode byte definition is given as follows:
By default, the radio always returns in STDBY_RC unless the configuration is changed by using this command. Changing the default mode
from STDBY_RC to STDBY_XOSC or FS impacts the switching time of the radio.
Table 13-21: PA Operating Modes with Optimal Settings
Output Power
paDutyCycle
hpMax
deviceSel
paLut
Value in
SetTxParams1
1. See Section 13.4.4 "SetTxParams" on page 83 .
+22dBm
0x04
0x07
0x00
0x01
+22dBm
+20dBm
0x03
0x05
0x00
0x01
+22dBm
+17dBm
0x02
0x03
0x00
0x01
+22dBm
+14dBm
0x02
0x02
0x00
0x01
+22dBm
Table 13-22: SetRxTxFallbackMode SPI Transaction
Byte
0
1
Data from host
Opcode = 0x93
fallbackMode
Table 13-23: FallbackMode Definition
Fallback Mode
Value
Description
FS
0x40
The radio goes into FS mode after Tx or Rx
STDBY_XOSC
0x30
The radio goes into STDBY_XOSC mode after Tx or Rx
STDBY_RC
0x20
The radio goes into STDBY_RC mode after Tx or Rx



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com