Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LLCC68 Datasheet(PDF) 19 Page - Semtech Corporation

Part # LLCC68
Description  Long Range, Low Power, sub-GHz RF Transceiver
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

LLCC68 Datasheet(HTML) 19 Page - Semtech Corporation

Back Button LLCC68 Datasheet HTML 15Page - Semtech Corporation LLCC68 Datasheet HTML 16Page - Semtech Corporation LLCC68 Datasheet HTML 17Page - Semtech Corporation LLCC68 Datasheet HTML 18Page - Semtech Corporation LLCC68 Datasheet HTML 19Page - Semtech Corporation LLCC68 Datasheet HTML 20Page - Semtech Corporation LLCC68 Datasheet HTML 21Page - Semtech Corporation LLCC68 Datasheet HTML 22Page - Semtech Corporation LLCC68 Datasheet HTML 23Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 111 page
background image
LLCC68
Data Sheet
Rev. 1.1
DS.LLCC68.W.APP
Dec 2024
19 of 111
Semtech
LLCC68
www.semtech.com
3.5.3 Receive Mode Specifications
5. Maximum bit rate is assumed to scale with RF frequency; for example 500kb/s in the 869/915MHz frequency bands and only 50kb/s at 150MHz. .
Please contact Semtech representative for more details.
6. For RF frequencies below 400MHz, there is a scaling between the frequency and supported BW, some BW may not be available below 400MHz
7. LoRa BW = 125kHz.
8. LoRa BW = 250kHz.
9. LoRa BW = 500kHz.
Table 3-8: Receive Mode Specifications (Sheet 1 of 2)
Symbol
Description
Conditions
Min Typ
Max Unit
RXS_2FB
Sensitivity 2-FSK,
RX Boosted gain, see Section 9.6
"Receive (RX) Mode" on page 57 , split
RF paths for Rx and Tx, RF switch
insertion loss excluded
BR_F = 0.6kb/s, FDA = 0.8kHz, BW_F = 4kHz
BR_F = 1.2kb/s, FDA = 5kHz, BW_F = 20kHz
BR_F = 4.8kb/s, FDA = 5kHz, BW_F = 20kHz
BR_F = 38.4kb/s, FDA = 40kHz, BW_F = 160kHz
BR_F = 250kb/s, FDA = 125kHz, BW_F = 500kHz
BR_F = 500kb/s, FDA = 300kHz, BW_F = 1000kHz1
-
-
-
-
-
-
-125
-123
-118
-109
-104
-94
-
-
-
-
-
-
dBm
dBm
dBm
dBm
dBm
dBm
RXS_LB
Sensitivity LoRa,
Rx Boosted gain, see Section 9.6
"Receive (RX) Mode" on page 57 , split
RF paths for Rx and Tx, RF switch
insertion loss excluded
BW_L = 125kHz, SF = 7
BW_L = 125kHz, SF = 9
BW_L = 250kHz, SF = 7
BW_L = 250kHz, SF = 10
BW_L = 500kHz, SF = 7
BW_L = 500kHz, SF = 11
-
-
-
-
-
-
-124
-129
-121
-129
-117
-127
-
-
-
-
-
-
dBm
dBm
dBm
dBm
dBm
dBm
RXS_2F
Sensitivity 2-FSK Rx Power Saving gain
with direct tie connection between Rx
and Tx
BR_F = 4.8kb/s, FDA = 5kHz, BW_F = 20kHz
-
-115
-
dBm
RXS_L
Sensitivity LoRa Rx Power Saving gain
with direct tie connection between Rx
and Tx
BW_L = 125kHz, SF = 9
-
-125
-
dBm
CCR_F
Co-channel rejection, FSK
-
-9
-
dB
CCR_L
Co-channel rejection, LoRa
SF = 7
SF = 11
-
-
5
16
-
-
dB
dB
ACR_F
Adjacent channel rejection, FSK
Offset = +/- 50kHz
-
45
-
dB
ACR_L
Adjacent channel rejection, LoRa
Offset = +/- 1.5 x BW_L
BW_L = 125kHz, SF = 7
BW_L = 125kHz, SF = 9
-
-
60
65
-
-
dB
dB
BI_F
Blocking immunity, FSK
BR_F = 4.8kb/s, FDA = 5kHz, BW_F = 20kHz
Offset = +/- 1MHz
Offset = +/- 2MHz
Offset = +/- 10MHz
BR_F = 500kb/s, FDA = 300kHz, BW_F = 1000kHz
Offset = +/- 1MHz
Offset = +/- 2MHz
Offset = +/- 10MHz
-
-
-
-
-
-
68
70
80
45
50
60
-
-
-
-
-
-
dB
dB
dB
dB
dB
dB
BI_L
Blocking immunity, LoRa
BW_L = 125kHz, SF =9
Offset = +/- 1MHz
Offset = +/- 2MHz
Offset = +/- 10MHz
-
-
-
80
82
91
-
-
-
dB
dB
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com