Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LLCC68 Datasheet(PDF) 67 Page - Semtech Corporation

Part # LLCC68
Description  Long Range, Low Power, sub-GHz RF Transceiver
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

LLCC68 Datasheet(HTML) 67 Page - Semtech Corporation

Back Button LLCC68 Datasheet HTML 63Page - Semtech Corporation LLCC68 Datasheet HTML 64Page - Semtech Corporation LLCC68 Datasheet HTML 65Page - Semtech Corporation LLCC68 Datasheet HTML 66Page - Semtech Corporation LLCC68 Datasheet HTML 67Page - Semtech Corporation LLCC68 Datasheet HTML 68Page - Semtech Corporation LLCC68 Datasheet HTML 69Page - Semtech Corporation LLCC68 Datasheet HTML 70Page - Semtech Corporation LLCC68 Datasheet HTML 71Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 111 page
background image
LLCC68
Data Sheet
Rev. 1.1
DS.LLCC68.W.APP
Dec 2024
67 of 111
Semtech
LLCC68
www.semtech.com
13.1.2 SetStandby
The command SetStandby(...) sets the device in a configuration mode which is at an intermediate level of consumption. In this mode,
the chip is placed in halt mode waiting for instructions via SPI. This mode is dedicated to chip configuration using high level commands such
as SetPacketType(...).
By default, after battery insertion or reset operation (pin NRESET goes low), the chip enters in STDBY_RC mode running with a 13MHz RC
clock.
The StdbyConfig byte definition is as follows:
13.1.3 SetFs
The command SetFs() sets the device in the frequency synthesis mode where the PLL is locked to the carrier frequency. This mode is used
for test purposes of the PLL and can be considered as an intermediate mode. It is automatically reached when going from STDBY_RC mode
to TX mode or RX mode.
In FS mode, the PLL is set to the frequency programmed by the function SetRfFrequency(...) which is the same used for TX or RX
operations.
Table 13-3: SetConfig SPI Transaction
Byte
0
1
Data from host
Opcode = 0x80
StdbyConfig
Table 13-4: STDBY Mode Configuration
StdbyConfig
Value
Description
STDBY_RC
0
Device running on RC13M, set STDBY_RC mode
STDBY_XOSC
1
Device running on XTAL 32MHz, set STDBY_XOSC mode
Table 13-5: SetFs SPI Transaction
Byte
0
Data from host
Opcode = 0xC1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com