Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LLCC68 Datasheet(PDF) 41 Page - Semtech Corporation

Part # LLCC68
Description  Long Range, Low Power, sub-GHz RF Transceiver
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

LLCC68 Datasheet(HTML) 41 Page - Semtech Corporation

Back Button LLCC68 Datasheet HTML 37Page - Semtech Corporation LLCC68 Datasheet HTML 38Page - Semtech Corporation LLCC68 Datasheet HTML 39Page - Semtech Corporation LLCC68 Datasheet HTML 40Page - Semtech Corporation LLCC68 Datasheet HTML 41Page - Semtech Corporation LLCC68 Datasheet HTML 42Page - Semtech Corporation LLCC68 Datasheet HTML 43Page - Semtech Corporation LLCC68 Datasheet HTML 44Page - Semtech Corporation LLCC68 Datasheet HTML 45Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 111 page
background image
LLCC68
Data Sheet
Rev. 1.1
DS.LLCC68.W.APP
Dec 2024
41 of 111
Semtech
LLCC68
www.semtech.com
6.2.2 FSK Packet Engine
The LLCC68 is designed for packet-based transmission. The packet controller block is responsible for assembly of the received data
bit-stream into packets and their storage into the data buffer. It also performs the bit-stream decoding operations such as de-whitening &
CRC-checks on the received bit-stream.
On the transmit side, the packet handler can construct a packet and send it bit by bit to the modulator for transmission. It can whiten the
payload and append the CRC-checksum to the end of the packet. The packet controller only works in half-duplex mode i.e. either in transmit
or receive at a time.
The packet controller is configured using the command SetPacketParams(...) as in Section 13.4.6 "SetPacketParams" on page 87 . This
function can be called only after defining the protocol. The next chapters describe in detail the different frames available in the LLCC68.
6.2.2.1 Preamble Detection in Receiver Mode
The LLCC68 is able to gate the reception of a packet if an insufficient number of alternating preamble symbols (usually referred to 0x55 or
0xAA in hexadecimal form) has been detected. This can be selected by the user by using the parameter PreambleDetectorLength used in
the command SetPacketParams(...). The user can select a value ranging from “Preamble detector length off” - where the radio does
not perform any gating and tries to lock directly on the following Sync Word - to “Preamble detector length 32 bits” where the radio is
expecting to receive 32 bits of preamble before the following Sync Word. In this case, if the 32 bits of preamble are not detected, the radio
either drops the reception in RxSingle mode, or restarts its tracking loop in RxContinuous mode.
To achieve best performance of the device, it is recommended to set PreambleDetectorLength to “Preamble detector length 8 bits” or
“Preamble detector length 16 bits” depending of the complete size of preamble which is sent by the transmitter.
Note: In all cases, PreambleDetectorLength must be smaller than the size of the following Sync Word to achieve proper detection of
the packets. If the preamble length is greater than the following Sync Word length (typically when no Sync Word is used) the user
should fill some of the Sync Word bytes with 0x55.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com