Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LLCC68 Datasheet(PDF) 62 Page - Semtech Corporation

Part # LLCC68
Description  Long Range, Low Power, sub-GHz RF Transceiver
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

LLCC68 Datasheet(HTML) 62 Page - Semtech Corporation

Back Button LLCC68 Datasheet HTML 58Page - Semtech Corporation LLCC68 Datasheet HTML 59Page - Semtech Corporation LLCC68 Datasheet HTML 60Page - Semtech Corporation LLCC68 Datasheet HTML 61Page - Semtech Corporation LLCC68 Datasheet HTML 62Page - Semtech Corporation LLCC68 Datasheet HTML 63Page - Semtech Corporation LLCC68 Datasheet HTML 64Page - Semtech Corporation LLCC68 Datasheet HTML 65Page - Semtech Corporation LLCC68 Datasheet HTML 66Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 111 page
background image
LLCC68
Data Sheet
Rev. 1.1
DS.LLCC68.W.APP
Dec 2024
62 of 111
Semtech
LLCC68
www.semtech.com
11.2 Register and Buffer Access Commands
11.3 DIO and IRQ Control
11.4 RF, Modulation and Packet Commands
Table 11-2: Commands to Access the Radio Registers and FIFO Buffer
Command
Opcode
Parameters
Description
WriteRegister
0x0D
address[15:0], data[0:n]
Write into one or several registers
ReadRegister
0x1D
address[15:0]
Read one or several registers
WriteBuffer
0x0E
offset, data[0:n]
Write data into the FIFO
ReadBuffer
0x1E
offset
Read data from the FIFO
Table 11-3: Commands Controlling the Radio IRQs and DIOs
Command
Opcode
Parameters
Description
SetDioIrqParams
0x08
IrqMask[15:0],
Dio1Mask[15:0],
Dio2Mask[15:0],
Dio3Mask[15:0],
Configure the IRQ and the DIOs attached to each IRQ
GetIrqStatus
0x12
-
Get the values of the triggered IRQs
ClearIrqStatus
0x02
-
Clear one or several of the IRQs
SetDIO2AsRfSwitchCtrl
0x9D
enable
Configure radio to control an RF switch from DIO2
SetDIO3AsTcxoCtrl
0x97
tcxoVoltage, timeout[23:0]
Configure the radio to use a TCXO controlled by DIO3
Table 11-4: Commands Controlling the RF and Packets Settings
Command
Opcode
Parameters
Description
SetRfFrequency
0x86
rfFreq[31:0]
Set the RF frequency of the radio
SetPacketType
0x8A
protocol
Select the packet type corresponding
to the modem
GetPacketType
0x11
-
Get the current packet configuration
for the device
SetTxParams
0x8E
power, rampTime
Set output power and ramp time for
the PA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com