Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LLCC68 Datasheet(PDF) 79 Page - Semtech Corporation

Part # LLCC68
Description  Long Range, Low Power, sub-GHz RF Transceiver
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

LLCC68 Datasheet(HTML) 79 Page - Semtech Corporation

Back Button LLCC68 Datasheet HTML 75Page - Semtech Corporation LLCC68 Datasheet HTML 76Page - Semtech Corporation LLCC68 Datasheet HTML 77Page - Semtech Corporation LLCC68 Datasheet HTML 78Page - Semtech Corporation LLCC68 Datasheet HTML 79Page - Semtech Corporation LLCC68 Datasheet HTML 80Page - Semtech Corporation LLCC68 Datasheet HTML 81Page - Semtech Corporation LLCC68 Datasheet HTML 82Page - Semtech Corporation LLCC68 Datasheet HTML 83Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 111 page
background image
LLCC68
Data Sheet
Rev. 1.1
DS.LLCC68.W.APP
Dec 2024
79 of 111
Semtech
LLCC68
www.semtech.com
13.3.3 GetIrqStatus
This command returns the value of the IRQ register.
13.3.4 ClearIrqStatus
This command clears an IRQ flag in the IRQ register.
This function clears an IRQ flag in the IRQ register by setting to 1 the bit of ClearIrqParam corresponding to the same position as the IRQ
flag to be cleared. As an example, if bit 0 of ClearIrqParam is set to 1 then IRQ flag at bit 0 of IRQ register is cleared.
If a DIO is mapped to one single IRQ source, the DIO is cleared if the corresponding bit in the IRQ register is cleared. If DIO is set to 0 with
several IRQ sources, then the DIO remains set to one until all bits mapped to the DIO in the IRQ register are cleared.
Table 13-29: IRQ Registers
Bit
IRQ
Description
Modulation
0
TxDone
Packet transmission completed
All
1
RxDone
Packet received
All
2
PreambleDetected
Preamble detected
All
3
SyncWordValid
Valid sync word detected
FSK
4
HeaderValid
Valid LoRa header received
LoRa
5
HeaderErr
LoRa header CRC error
LoRa
6
CrcErr
Wrong CRC received
All
7
CadDone
Channel activity detection finished
LoRa
8
CadDetected
Channel activity detected
LoRa
9
Timeout
Rx or Tx timeout
All
10-13
-
RFU
-
15
-
RFU
-
Table 13-30: GetIrqStatus SPI Transaction
Byte
0
1
2-3
Data from host
Opcode = 0x12
NOP
NOP
Data to host
RFU
Status
IrqStatus(15:0)
Table 13-31: ClearIrqStatus SPI Transaction
Byte
0
1-2
Data from host
Opcode = 0x02
ClearIrqParam(15:0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com