Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LLCC68 Datasheet(PDF) 58 Page - Semtech Corporation

Part # LLCC68
Description  Long Range, Low Power, sub-GHz RF Transceiver
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

LLCC68 Datasheet(HTML) 58 Page - Semtech Corporation

Back Button LLCC68 Datasheet HTML 54Page - Semtech Corporation LLCC68 Datasheet HTML 55Page - Semtech Corporation LLCC68 Datasheet HTML 56Page - Semtech Corporation LLCC68 Datasheet HTML 57Page - Semtech Corporation LLCC68 Datasheet HTML 58Page - Semtech Corporation LLCC68 Datasheet HTML 59Page - Semtech Corporation LLCC68 Datasheet HTML 60Page - Semtech Corporation LLCC68 Datasheet HTML 61Page - Semtech Corporation LLCC68 Datasheet HTML 62Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 111 page
background image
LLCC68
Data Sheet
Rev. 1.1
DS.LLCC68.W.APP
Dec 2024
58 of 111
Semtech
LLCC68
www.semtech.com
hen using Rx Boosted gain, the Rx gain configuration is not saved when entering sleep mode with retention activated. The Rx gain
configuration, and up to 4 additional registers, can be saved when configuring the chip:
• Write 1 (8 bits) to address 0x29F
• Write 0x08AC (16-bit address of the Rx Gain register) to address 0x2A0-0x2A1 msb first
In LoRa mode, command SetLoRaSymbNumTimeout(...) can perform a quick and immediate assessment of the presence (or not) of
LoRa preamble symbols. If the user defined parameter SymbNum is not 0, the modem waits for a total of SymbNum LoRa symbols to
validate, or not, the correct detection of a LoRa packet. If the various states of the demodulator are not locked at this moment, the radio
generates an RxTimeout IRQ. Otherwise, the radio stays in Rx for the full duration of the packet. For more information, see Section 13.4.9
"SetLoRaSymbNumTimeout" on page 93 .
9.7 Transmit (TX) Mode
In TX mode, after enabling and ramping-up the Power Amplifier (PA), the contents of the data buffer are transmitted. The circuit can operate
in different sub-modes: single mode or single with timeout mode.
The timeout in Tx mode can be used as a security to ensure that if for any reason the Tx is aborted or does not succeed (i.e. the TxDone IRQ
never is never triggered), the TxTimeout prevents the system from waiting for an undefined amount of time. Using the timeout while in Tx
mode removes the need to use resources from the host MCU to perform the same task.
In TX mode, BUSY goes low as soon as the PA has ramped-up and transmission of preamble starts.
9.7.1 PA Ramping
The ramping of the PA can be selected while setting the output power by using the command SetTxParams(...).
The PA ramp time can be selected to go from 10s up to 3.4ms.
9.8 Active Mode Switching Time
For active mode switching time details, see Section 8.3.1 "BUSY Control Line" on page 50 .



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com