Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LLCC68 Datasheet(PDF) 36 Page - Semtech Corporation

Part # LLCC68
Description  Long Range, Low Power, sub-GHz RF Transceiver
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

LLCC68 Datasheet(HTML) 36 Page - Semtech Corporation

Back Button LLCC68 Datasheet HTML 32Page - Semtech Corporation LLCC68 Datasheet HTML 33Page - Semtech Corporation LLCC68 Datasheet HTML 34Page - Semtech Corporation LLCC68 Datasheet HTML 35Page - Semtech Corporation LLCC68 Datasheet HTML 36Page - Semtech Corporation LLCC68 Datasheet HTML 37Page - Semtech Corporation LLCC68 Datasheet HTML 38Page - Semtech Corporation LLCC68 Datasheet HTML 39Page - Semtech Corporation LLCC68 Datasheet HTML 40Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 111 page
background image
LLCC68
Data Sheet
Rev. 1.1
DS.LLCC68.W.APP
Dec 2024
36 of 111
Semtech
LLCC68
www.semtech.com
6.1.1.3 FEC Coding Rate
To further improve the robustness of the link the LoRa modem employs cyclic error coding to perform forward error detection and
correction.
Forward Error Correction (FEC) is particularly efficient in improving the reliability of the link in the presence of interference. So that the
coding rate and robustness to interference can be changed in response to channel conditions, the coding rate selected on the transmitter
side is communicated to the receiver through the header (when present).
A higher coding rate provides better noise immunity at the expense of longer transmission time. In normal conditions a factor of 4/5
provides the best trade-off; in the presence of strong interferers a higher coding rate may be used. Error correction code does not have to
be known in advance by the receiver since it is encoded in the header part of the packet.
6.1.1.4 Low Data Rate Optimization
For low data rates (typically for high SF or low BW) and very long payloads which may last several seconds in the air, the low data rate
optimization (LDRO) can be enabled. This reduces the number of bits per symbol to the given SF minus two (see Section 6.1.4 "LoRa
Time-on-Air" on page 37 ) in order to allow the receiver to have a better tracking of the LoRa signal. Depending on the payload size, the low
data rate optimization is usually recommended when a LoRa symbol time is equal or above 16.38ms.
6.1.2 LoRa Packet Engine
LoRa has it own packet engine that supports the LoRa PHY as described in the following section.
6.1.3 LoRa Frame
The LoRa modem employs two types of packet formats: explicit and implicit. The explicit packet includes a short header that contains
information about the number of bytes, coding rate and whether a CRC is used in the packet. The packet format is shown in the following
figure.
Figure 6-2: LoRa Packet Format
The LoRa packet starts with a preamble sequence which is used to synchronize the receiver with the incoming signal. By default the packet
is configured with a 12-symbol long sequence. This is a programmable variable so the preamble length may be extended; for example, in
Table 6-3: Coding Rate Overhead
Coding Rate
Cyclic Coding Rate CR
[in raw bits / total bits]
Overhead Ratio
1
4/5
1.25
2
4/6
1.5
3
4/7
1.75
4
4/8
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com