Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LLCC68 Datasheet(PDF) 93 Page - Semtech Corporation

Part # LLCC68
Description  Long Range, Low Power, sub-GHz RF Transceiver
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

LLCC68 Datasheet(HTML) 93 Page - Semtech Corporation

Back Button LLCC68 Datasheet HTML 89Page - Semtech Corporation LLCC68 Datasheet HTML 90Page - Semtech Corporation LLCC68 Datasheet HTML 91Page - Semtech Corporation LLCC68 Datasheet HTML 92Page - Semtech Corporation LLCC68 Datasheet HTML 93Page - Semtech Corporation LLCC68 Datasheet HTML 94Page - Semtech Corporation LLCC68 Datasheet HTML 95Page - Semtech Corporation LLCC68 Datasheet HTML 96Page - Semtech Corporation LLCC68 Datasheet HTML 97Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 111 page
background image
LLCC68
Data Sheet
Rev. 1.1
DS.LLCC68.W.APP
Dec 2024
93 of 111
Semtech
LLCC68
www.semtech.com
13.4.8 SetBufferBaseAddress
This command sets the base addresses in the data buffer, in all modes of operation, for the packet handing operation in TX and RX modes.
The usage and definition of these parameters are described in the relevant packet type sections.
13.4.9 SetLoRaSymbNumTimeout
This command sets the number of symbols used by the modem to validate a successful reception.
In LoRa mode, when going into Rx, the modem locks as soon as a LoRa symbol has been detected which may lead to false detection. This
phenomena is quite rare but nevertheless possible. To avoid this, the command SetLoRaSymbNumTimeout can be used to define the
number of symbols which are used to validate the correct reception of a packet.
SymbNum valid values are even numbers up to 64, then intervals of 8 up to 248.
• When SymbNum is 0, the modem validates the reception as soon as a LoRa Symbol has been detected.
• When SymbNum is not 0, the modem waits for a total of SymbNum LoRa symbols to validate, or not, the correct detection of a LoRa
packet. If the various states of the demodulator are not locked at this moment, the radio generates an RxTimeout IRQ.
Table 13-74: SetBufferBaseAddress SPI Transaction
Byte
0
1
2
Data from host
Opcode = 0x8F
TX base address
RX base address
Table 13-75: SetLoRaSymbNumTimeout SPI Transaction
Byte
0
1
Data from host
Opcode = 0xA0
SymbNum



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com