Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LLCC68 Datasheet(PDF) 78 Page - Semtech Corporation

Part # LLCC68
Description  Long Range, Low Power, sub-GHz RF Transceiver
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

LLCC68 Datasheet(HTML) 78 Page - Semtech Corporation

Back Button LLCC68 Datasheet HTML 74Page - Semtech Corporation LLCC68 Datasheet HTML 75Page - Semtech Corporation LLCC68 Datasheet HTML 76Page - Semtech Corporation LLCC68 Datasheet HTML 77Page - Semtech Corporation LLCC68 Datasheet HTML 78Page - Semtech Corporation LLCC68 Datasheet HTML 79Page - Semtech Corporation LLCC68 Datasheet HTML 80Page - Semtech Corporation LLCC68 Datasheet HTML 81Page - Semtech Corporation LLCC68 Datasheet HTML 82Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 111 page
background image
LLCC68
Data Sheet
Rev. 1.1
DS.LLCC68.W.APP
Dec 2024
78 of 111
Semtech
LLCC68
www.semtech.com
13.2.4 ReadBuffer Function
This function reads (n-3) bytes of payload received starting at offset.
Note: An NOP must be sent after sending the offset.
13.3 DIO and IRQ Control Functions
13.3.1 SetDioIrqParams
This command sets the IRQ flag.
13.3.2 IrqMask
The IrqMask masks or unmasks the IRQ which can be triggered by the device. By default, all IRQ are masked (all ‘0’) and the user can enable
them one by one (or several at a time) by setting the corresponding mask to ‘1’.
13.3.2.1 DioxMask
The interrupt causes a DIO to be set if the corresponding bit in DioxMask and the IrqMask are set. As an example, if bit 0 of IrqMask is set
to 1 and bit 0 of Dio1Mask is set to 1 then, a rising edge of IRQ source TxDone is logged in the IRQ register and appears at the same time on
DIO1.
One IRQ can be mapped to all DIOs, one DIO can be mapped to all IRQs (an OR operation is done) but some IRQ sources are available only
on certain modes of operation and frames.
In total there are 10 possible interrupt sources depending on the chosen frame and chip mode. Each one of them can be enabled or masked.
In addition, every one of them can be mapped to DIO1, DIO2 or DIO3.
Note: If DIO2 or DIO3 are used to control the RF Switch or the TCXO, the IRQ is not generated even if it is mapped to the pins.
A dedicated 10-bit register called IRQ_reg is used to log IRQ sources. Each position corresponds to one IRQ source as described in the table
above. A set of user commands is used to configure IRQ mask, DIOs mapping and IRQ clearing as explained in the following chapters.
Table 13-27: ReadBuffer SPI Transaction
Byte
0
1
2
3
4
...
n
Data from
host
Opcode
= 0x1E
offset
NOP
NOP
NOP
...
NOP
Data to host
RFU
Status
Status
data@offset
data@offset+1
...
data@offset+(n-3)
Table 13-28: SetDioIrqParams SPI Transaction
Byte
0
1-2
3-4
5-6
7-8
Data from host
SetDioIrqParams
(0x08)
IrqMask(15:0)
DIO1Mask(15:0)
DIO2Mask(15:0)
DIO3Mask(15:0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com