Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LLCC68 Datasheet(PDF) 33 Page - Semtech Corporation

Part # LLCC68
Description  Long Range, Low Power, sub-GHz RF Transceiver
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

LLCC68 Datasheet(HTML) 33 Page - Semtech Corporation

Back Button LLCC68 Datasheet HTML 29Page - Semtech Corporation LLCC68 Datasheet HTML 30Page - Semtech Corporation LLCC68 Datasheet HTML 31Page - Semtech Corporation LLCC68 Datasheet HTML 32Page - Semtech Corporation LLCC68 Datasheet HTML 33Page - Semtech Corporation LLCC68 Datasheet HTML 34Page - Semtech Corporation LLCC68 Datasheet HTML 35Page - Semtech Corporation LLCC68 Datasheet HTML 36Page - Semtech Corporation LLCC68 Datasheet HTML 37Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 111 page
background image
LLCC68
Data Sheet
Rev. 1.1
DS.LLCC68.W.APP
Dec 2024
33 of 111
Semtech
LLCC68
www.semtech.com
5.1.3 Consideration on the DC-DC Inductor Selection
The inductor is essential to ensure optimal performance of the DC-DC internal block. An incorrect inductor could cause unwanted effects
ranging from ripple currents to early aging of the device, and a degradation of DC-DC regulator efficiency.
The preferred inductor is shielded, presenting a low internal series resistance and a resonance frequency much higher than the DC-DC
switching frequency. When selecting the 15µH inductor, the user should therefore select a part with the following considerations:
• DCR (max) = 2ohms
• Idc (min) = 100mA
• Freq (min) = 20MHz
5.2 Flexible DIO Supply
The transceiver has two power supply pins, one for the core of the transceiver called VBAT and one for the host controller interface (SPI,
DIOs, BUSY) called VBAT_IO. Both power supplies can be connected together in the application. In case a low voltage micro-controller
(typically with IO pads at 1.8V) is used to control the transceiver, the user can:
• Use VBAT at 3.3V for optimal RF performance
• Directly connect VBAT_IO to the same supply used for the micro-controller
• Connect the digital IOs directly to the micro-controller DIOs
At any time, VBAT_IO must be lower than or equal to VBAT
Figure 5-3: Separate DIO Supply
Table 5-3: Recommended 15µH Inductors
Reference
Manufacturer
Value (µH)
Idc max
(mA)
Freq
(MHz)
DCR
(ohm)
Package
(L x W x H in mm)
LPS3010-153
Coilcraft
15
370
43
0.95
2.95 x 2.95 x 0.9
MLZ2012N150L
TDK
15
90
40
0.47
2 x 1.25 x 1.25
MLZ2012M150W
TDK
15
120
40
0.95
2 x 1.25 x 1.25
VLS2010ET-150M
TDK
15
440
40
1.476
2 x 2 x 1
VLS2012ET-150M
TDK
15
440
40
1.062
2 x 2 x 1.2
Battery
Typ. 1.8 to 3.7 V
Controller
Regulator 1.8 V
Transceiver
VBAT_IO
VBAT
SPI
DIOx
NRESET
Requirement: VBAT ≥ VBAT_IO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com