Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LLCC68 Datasheet(PDF) 2 Page - Semtech Corporation

Part # LLCC68
Description  Long Range, Low Power, sub-GHz RF Transceiver
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

LLCC68 Datasheet(HTML) 2 Page - Semtech Corporation

  LLCC68 Datasheet HTML 1Page - Semtech Corporation LLCC68 Datasheet HTML 2Page - Semtech Corporation LLCC68 Datasheet HTML 3Page - Semtech Corporation LLCC68 Datasheet HTML 4Page - Semtech Corporation LLCC68 Datasheet HTML 5Page - Semtech Corporation LLCC68 Datasheet HTML 6Page - Semtech Corporation LLCC68 Datasheet HTML 7Page - Semtech Corporation LLCC68 Datasheet HTML 8Page - Semtech Corporation LLCC68 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 111 page
background image
LLCC68
Data Sheet
Rev. 1.1
DS.LLCC68.W.APP
Dec 2024
2 of 111
Semtech
LLCC68
www.semtech.com
Ordering Information
QFN 24 Package, Pb-free, Halogen free, RoHS/WEEE compliant product.
Revision History
Part Number
Package Type
Delivery
Minimum Order Quantity
LLCC68IMLTRT
QFN
Tape & Reel
3,000 pieces
Version
ECO
Date
Modifications
1.0
047881
July 2019
First Release
1.1
067443
Dec 2024
Modified Max val of BR_F to 500kb/s, FDA to 300kHz and updated Note Table 3-7
Modified the Min value of ATCXO Table 3-7
Reformatted Note in Max value of BW_F Table 3-8
Added 500kb/s condition to RXS_2FB, BI_F and Note Table 3-8
Trimming capacitors cannot be deactivated Section 4.1.3
Added OCP max value Section 5.1
GMSK is supported Section 6.
Modified LoRa Time-on-air Section 6.1.4
Added RSSI Calibration Section 6.1.6
Added BW1000 to FSK packet bandwidth definitions and Note Table 6-5
Added DIO3 as a Manual Switch Section 8.6
Added pseudo-code for image calibration Section 9.2.1
Added Rx gain details when entering sleep with retention Section 9.6
Added registers to Table 12-1 between 0x0805 and 0x0891 for BW1000 usage, & LoRa
Coding Rate RX and LoRa CRC Configuration Registers
Removed Wake-up on RTC timeout Section 13.1.1
Modified paDutyCycle description Section 13.1.14
SetDio3AsTcxoCtrl min value Section 13.3.6
GFSK Sync Word alignment information Section 13.4.6.1
Added SetLoRaSymbNumTimeout valid values Section 13.4.9
GetPacketStatus Section 13.5.3
Added Settling time to GetRSSIInst Section 13.5.4
Added LoRa coding rates with long interleave Table 13-49
Added Tape and Reel Section 16.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com