Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LLCC68 Datasheet(PDF) 31 Page - Semtech Corporation

Part # LLCC68
Description  Long Range, Low Power, sub-GHz RF Transceiver
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

LLCC68 Datasheet(HTML) 31 Page - Semtech Corporation

Back Button LLCC68 Datasheet HTML 27Page - Semtech Corporation LLCC68 Datasheet HTML 28Page - Semtech Corporation LLCC68 Datasheet HTML 29Page - Semtech Corporation LLCC68 Datasheet HTML 30Page - Semtech Corporation LLCC68 Datasheet HTML 31Page - Semtech Corporation LLCC68 Datasheet HTML 32Page - Semtech Corporation LLCC68 Datasheet HTML 33Page - Semtech Corporation LLCC68 Datasheet HTML 34Page - Semtech Corporation LLCC68 Datasheet HTML 35Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 111 page
background image
LLCC68
Data Sheet
Rev. 1.1
DS.LLCC68.W.APP
Dec 2024
31 of 111
Semtech
LLCC68
www.semtech.com
5. Power Distribution
5.1 Selecting DC-DC Converter or LDO Regulation
Two forms of voltage regulation (DC-DC buck converter or linear LDO regulator) are available depending upon the design priorities of the
application. The linear LDO regulator is always present in all modes but the transceiver uses DC-DC when selected. Alternatively a high
efficiency DC to DC buck converter can be enabled in FS, Rx and Tx modes.
The DC-DC can be driven by two clock sources:
• in STDBY_XOSC: RC13M supplies the clock and the frequency is RC13M / 4 so the switching frequency of the DC-DC converter is
3.25MHz
• in FS, RX, TX: the PLL supplies the clock and the frequency is ~5MHz; every time command SetRFFrequency(...) is called the
divider ratio is recalculated so that the switching frequency is as close as possible to the 5MHz target.
Unless specified, all specifications of the transceiver are given with the DC-DC regulator enabled. For applications where cost and size are
constrained, LDO-only operation is possible which negates the need for the 47nH inductor before pin 1 and the 15µH inductor between pins
7 and 9, conferring the benefits of a reduced bill of materials and reduced board space. The following table illustrates the power regulation
options for different modes and user settings.
The user can specify the use of DC-DC by using the command SetRegulatorMode(...). This operation must be carried out in STDBY_RC
mode only.
When the DC-DC is enabled, the LDO remains ON and its target voltage is set 50mV below the DC-DC voltage to ensure voltage stability for
high current peaks. If the DC-DC voltage drops to this level due to high current peak, the LDO covers for the current need at the expense of
the energy consumption of the radio which is increased.
However, to avoid consuming too much energy, the user is free to configure the Over Current Protection (OCP) register manually. At Reset,
the OCP is configured to limit the current at 140mA.
The OCP value is given on 6 bits, therefore the max OCP is 63 * 2.5mA = 157.5mA. It is configurable in steps of 2.5mA and the default value
is re-configured automatically each time the function SetPaConfig(...) is called. To adjust the OCP value, it is necessary to change the
register as a second step after calling the function SetPaConfig(...).
Table 5-1: Regulation Type versus Circuit Mode
Circuit Mode
Sleep
STDBY_RC
STDBY_XOSC
FS
Rx
Tx
Regulator Type = 0
-
LDO
LDO
LDO
LDO
LDO
Regulator Type = 1
-
LDO
DC-DC + LDO
DC-DC + LDO
DC-DC + LDO
DC-DC + LDO
Table 5-2: OCP Configuration
Register Address
OCP default
Maximum Current
0x08E7
0x38
157.5mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com