Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LLCC68 Datasheet(PDF) 48 Page - Semtech Corporation

Part # LLCC68
Description  Long Range, Low Power, sub-GHz RF Transceiver
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

LLCC68 Datasheet(HTML) 48 Page - Semtech Corporation

Back Button LLCC68 Datasheet HTML 44Page - Semtech Corporation LLCC68 Datasheet HTML 45Page - Semtech Corporation LLCC68 Datasheet HTML 46Page - Semtech Corporation LLCC68 Datasheet HTML 47Page - Semtech Corporation LLCC68 Datasheet HTML 48Page - Semtech Corporation LLCC68 Datasheet HTML 49Page - Semtech Corporation LLCC68 Datasheet HTML 50Page - Semtech Corporation LLCC68 Datasheet HTML 51Page - Semtech Corporation LLCC68 Datasheet HTML 52Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 111 page
background image
LLCC68
Data Sheet
Rev. 1.1
DS.LLCC68.W.APP
Dec 2024
48 of 111
Semtech
LLCC68
www.semtech.com
8. Digital Interface and Control
The LLCC68 is controlled via a serial SPI interface and a set of general purpose input/output (DIOs). At least one DIO must be used for IRQ
and the BUSY line is mandatory to ensure the host controller is ready to accept the commands. The LLCC68 uses an internal controller (CPU)
to handle communication and chip control (mode switching, API etc...). BUSY is used as a busy signal indicating that the chip is ready for new
command only if this signal is low. When BUSY is high, the host controller must wait until it goes down again before sending another
command. Through SPI the application sends commands to the internal chip or access directly the data memory space.
8.1 Reset
A complete “factory reset” of the chip can be issued on request by toggling pin 15 NRESET of the LLCC68. It is automatically followed by the
standard calibration procedure and any previous context is lost. The pin should be held low for typically 100µs for the Reset to happen.
8.2 SPI Interface
The SPI interface gives access to the configuration register via a synchronous full-duplex protocol corresponding to CPOL = 0 and CPHA = 0
in MotorolaTM/FreescaleTM nomenclature. Only the slave side is implemented.
An address byte followed by a data byte is sent for a write access whereas an address byte is sent and a read byte is received for the read
access. The NSS pin goes low at the beginning of the frame and goes high after the data byte.
MOSI is generated by the master on the falling edge of SCK and is sampled by the slave (i.e. this SPI interface) on the rising edge of SCK.
MISO is generated by the slave on the falling edge of SCK.
A transfer is always started by the NSS pin going low. MISO is high impedance when NSS is high.
The SPI runs on the external SCK clock to allow high speed up to 16MHz.
8.2.1 SPI Timing When the Transceiver is in Active Mode
In this mode the chip is able to handle SPI command in a standard way i.e. no extra delay needed at the first SPI transaction.
Figure 8-1: SPI Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com