Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LLCC68 Datasheet(PDF) 20 Page - Semtech Corporation

Part # LLCC68
Description  Long Range, Low Power, sub-GHz RF Transceiver
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

LLCC68 Datasheet(HTML) 20 Page - Semtech Corporation

Back Button LLCC68 Datasheet HTML 16Page - Semtech Corporation LLCC68 Datasheet HTML 17Page - Semtech Corporation LLCC68 Datasheet HTML 18Page - Semtech Corporation LLCC68 Datasheet HTML 19Page - Semtech Corporation LLCC68 Datasheet HTML 20Page - Semtech Corporation LLCC68 Datasheet HTML 21Page - Semtech Corporation LLCC68 Datasheet HTML 22Page - Semtech Corporation LLCC68 Datasheet HTML 23Page - Semtech Corporation LLCC68 Datasheet HTML 24Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 111 page
background image
LLCC68
Data Sheet
Rev. 1.1
DS.LLCC68.W.APP
Dec 2024
20 of 111
Semtech
LLCC68
www.semtech.com
IIP3
3rd order input intercept point
Unwanted tones are 1MHz and
1.96MHz above LO
-
-5
-
dBm
IMA
Image attenuation
Without IQ calibration
With IQ calibration
-
-
35
54
-
-
dB
dB
BW_F
DSB channel filter BW, FSK
Programmable, typical values
4.8
-
467(1)
kHz
TS_RX
Receiver wake-up time
FS to RX
-
41
-
s
FERR_L
Maximum tolerated frequency offset
between transmitter and receiver, no
sensitivity degradation, SF5 to SF11
All bandwidths, ±25% of BW
The tighter limit applies (see below)
±25%
BW
Maximum tolerated frequency offset
between transmitter and receiver, no
sensitivity degradation, SF10 to SF11
SF11
SF10
-100
-200
-
-
100
200
ppm
ppm
1. Refer to Section 6.2.1 for BW-F = 1000kHz configuration
Table 3-8: Receive Mode Specifications (Sheet 2 of 2)
Symbol
Description
Conditions
Min Typ
Max Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com