Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LLCC68 Datasheet(PDF) 49 Page - Semtech Corporation

Part # LLCC68
Description  Long Range, Low Power, sub-GHz RF Transceiver
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

LLCC68 Datasheet(HTML) 49 Page - Semtech Corporation

Back Button LLCC68 Datasheet HTML 45Page - Semtech Corporation LLCC68 Datasheet HTML 46Page - Semtech Corporation LLCC68 Datasheet HTML 47Page - Semtech Corporation LLCC68 Datasheet HTML 48Page - Semtech Corporation LLCC68 Datasheet HTML 49Page - Semtech Corporation LLCC68 Datasheet HTML 50Page - Semtech Corporation LLCC68 Datasheet HTML 51Page - Semtech Corporation LLCC68 Datasheet HTML 52Page - Semtech Corporation LLCC68 Datasheet HTML 53Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 111 page
background image
LLCC68
Data Sheet
Rev. 1.1
DS.LLCC68.W.APP
Dec 2024
49 of 111
Semtech
LLCC68
www.semtech.com
All timings in the following table are given for a maximum load cap of 10pF.
8.2.2 SPI Timing When the Transceiver Leaves Sleep Mode
One way for the chip to leave Sleep mode is to wait for a falling edge of NSS. At falling edge, all necessary internal regulators are switched
On; the chip starts chip initialization before being able to accept first SPI command. This means that the delay between the falling edge of
NSS and the first rising edge of SCK must take into account the wake-up sequence and the chip initialization. In Sleep mode and during the
initialization phase, the busy signal mapped on BUSY pin, is set high indicating to the host that the chip is not able to accept a new command.
Once the chip is in STDBY_RC mode, the busy signal goes low and the host can start sending a command. This is also true for startup at
battery insertion or after a hard reset.
Figure 8-2: SPI Timing Transition
Table 8-1: SPI Timing Requirements
Symbol
Description
Minimum
Typical
Maximum
Unit
t1
NSS falling edge to SCK setup time
32
-
-
ns
t2
SCK period
62.5
-
-
ns
t3
SCK high time
31.25
-
-
ns
t4
MOSI to SCK hold time
5
-
-
ns
t5
MOSI to SCK setup time
5
-
-
ns
t6
NSS falling to MISO delay
0
-
15
ns
t7
SCK falling to MISO delay,
0
-
15
ns
t8
SCK to NSS rising edge hold time
31.25
-
-
ns
t9
NSS high time
125
-
-
ns
t10
NSS falling edge to SCK setup time when switching
from SLEEP to STDBY_RC mode
100
-
-
s
t11
NSS falling to MISO delay when switching from
SLEEP to STDBY_RC mode
0
-
150
s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com