Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LLCC68 Datasheet(PDF) 47 Page - Semtech Corporation

Part # LLCC68
Description  Long Range, Low Power, sub-GHz RF Transceiver
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

LLCC68 Datasheet(HTML) 47 Page - Semtech Corporation

Back Button LLCC68 Datasheet HTML 43Page - Semtech Corporation LLCC68 Datasheet HTML 44Page - Semtech Corporation LLCC68 Datasheet HTML 45Page - Semtech Corporation LLCC68 Datasheet HTML 46Page - Semtech Corporation LLCC68 Datasheet HTML 47Page - Semtech Corporation LLCC68 Datasheet HTML 48Page - Semtech Corporation LLCC68 Datasheet HTML 49Page - Semtech Corporation LLCC68 Datasheet HTML 50Page - Semtech Corporation LLCC68 Datasheet HTML 51Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 111 page
background image
LLCC68
Data Sheet
Rev. 1.1
DS.LLCC68.W.APP
Dec 2024
47 of 111
Semtech
LLCC68
www.semtech.com
7.2 Data Buffer in Receive Mode
In receive mode RxBaseAddr specifies the buffer offset in memory at which the received packet payload data is written. The buffer offset
of the last byte written in receive mode is then stored in RxDataPointer which is initialized to the value of RxBaseAddr at the beginning of
the reception.
The pointer to the first byte of the last packet received and the packet length can be read with the command GetRxbufferStatus().
In single mode, RxDataPointer is automatically initialized to RxBaseAddr each time the transceiver enters Rx mode. In continuous mode the
pointer is incremented starting from the previous position.
7.3 Data Buffer in Transmit Mode
Upon each transition to transmit mode TxDataPointer is initialized to TxBaseAddr and is incremented each time a byte is sent over the air.
This operation stops once the number of bytes sent equals the payloadlength parameter as defined in the function
SetPacketParams(...)
.
7.4 Using the Data Buffer
RxBaseAddr and TxBaseAddr are both set using the command SetBufferBaseAddresses(...).
By default RxBaseAddr and TxBaseAddr are initialized at address 0x00.
Due to the contiguous nature of the data buffer, the base addresses for Tx and Rx are fully configurable across the 256-byte memory area.
Each pointer can be set independently anywhere within the buffer. To exploit the maximum data buffer size in transmit or receive mode,
the whole data buffer can be used in each mode by setting the base addresses TxBaseAddr and RxBaseAddr at the bottom of the memory
(0x00).
The data buffer is cleared when the device is put into Sleep mode (implying no access). The data is retained in all other modes of operation.
The data buffer is accessed via the command WriteBuffer(...) and ReadBuffer(...). In this function the parameter offset defines
the address pointer of the first data to be written or read. Offset zero defines the first position of the data buffer.
Before any read or write operation it is hence necessary to initialize this offset to the corresponding beginning of the buffer. Upon reading
or writing to the data buffer the address pointer then increments automatically.
Two possibilities exist to obtain the offset value:
• First is to use the RxBaseAddr value since the user defines it before receiving a payload.
• Second, offset can be initialized with the value of RxStartBufferPointer returned by GetRxbufferStatus(...) command.
Note: All the received data is written to the data buffer even if the CRC is invalid, permitting user-defined post processing of
corrupted data. When receiving, if the packet size exceeds the buffer memory allocated for the Rx, it overwrites the transmit portion
of the data buffer.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com