Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LLCC68 Datasheet(PDF) 32 Page - Semtech Corporation

Part # LLCC68
Description  Long Range, Low Power, sub-GHz RF Transceiver
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

LLCC68 Datasheet(HTML) 32 Page - Semtech Corporation

Back Button LLCC68 Datasheet HTML 28Page - Semtech Corporation LLCC68 Datasheet HTML 29Page - Semtech Corporation LLCC68 Datasheet HTML 30Page - Semtech Corporation LLCC68 Datasheet HTML 31Page - Semtech Corporation LLCC68 Datasheet HTML 32Page - Semtech Corporation LLCC68 Datasheet HTML 33Page - Semtech Corporation LLCC68 Datasheet HTML 34Page - Semtech Corporation LLCC68 Datasheet HTML 35Page - Semtech Corporation LLCC68 Datasheet HTML 36Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 111 page
background image
LLCC68
Data Sheet
Rev. 1.1
DS.LLCC68.W.APP
Dec 2024
32 of 111
Semtech
LLCC68
www.semtech.com
5.1.1 Option A: DC-DC Regulator
The DC-DC Regulator is used with about 90% of efficiency, for
the chip core only. The PA regulator is supplied with VBAT. .
Advantage of this option:
The power consumption is reduced.
*VBAT=3.3V min. to reach +22dBm
Figure 5-1: LLCC68 Diagram with the DC-DC Regulator Power
Option
5.1.2 Option B: LDO Regulator
The LDO Regulator is used. Power consumption of the core
is slightly higher than in Option A.
Advantage of this option:
The cost and space for the external 15H inductor are
spared.
*VBAT=3.3V min. to reach +22dBm
Figure 5-2: LLCC68 Diagram with the LDO Regulator
Power Option
LLCC68
LLCC68



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com