Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LLCC68 Datasheet(PDF) 83 Page - Semtech Corporation

Part # LLCC68
Description  Long Range, Low Power, sub-GHz RF Transceiver
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

LLCC68 Datasheet(HTML) 83 Page - Semtech Corporation

Back Button LLCC68 Datasheet HTML 79Page - Semtech Corporation LLCC68 Datasheet HTML 80Page - Semtech Corporation LLCC68 Datasheet HTML 81Page - Semtech Corporation LLCC68 Datasheet HTML 82Page - Semtech Corporation LLCC68 Datasheet HTML 83Page - Semtech Corporation LLCC68 Datasheet HTML 84Page - Semtech Corporation LLCC68 Datasheet HTML 85Page - Semtech Corporation LLCC68 Datasheet HTML 86Page - Semtech Corporation LLCC68 Datasheet HTML 87Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 111 page
background image
LLCC68
Data Sheet
Rev. 1.1
DS.LLCC68.W.APP
Dec 2024
83 of 111
Semtech
LLCC68
www.semtech.com
13.4.3 GetPacketType
The command GetPacketType() returns the current operating packet type of the radio.
13.4.4 SetTxParams
This command sets the TX output power by using the parameter power and the TX ramping time by using the parameter RampTime. This
command is available for all protocols selected.
The output power is defined as power in dBm in a range of - 9 (0xF7) to +22 (0x16)dBm by steps of 1dB.
The power ramp time is defined by the parameter RampTime as defined in the following table:
Table 13-39: GetPacketType SPI Transaction
Byte
0
1
2
Data from host
Opcode = 0x11
NOP
NOP
Data to host
RFU
Status
packetType
Table 13-40: SetTxParams SPI Transaction
Byte
0
1
2
Data from host
Opcode = 0x8E
power
RampTime
Table 13-41: RampTime Definition
RampTime
Value
RampTime (µs)
SET_RAMP_10U
0x00
10
SET_RAMP_20U
0x01
20
SET_RAMP_ 40U
0x02
40
SET_RAMP_80U
0x03
80
SET_RAMP_200U
0x04
200
SET_RAMP_800U
0x05
800
SET_RAMP_1700U
0x06
1700
SET_RAMP_3400U
0x07
3400



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com