Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LLCC68 Datasheet(PDF) 23 Page - Semtech Corporation

Part # LLCC68
Description  Long Range, Low Power, sub-GHz RF Transceiver
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

LLCC68 Datasheet(HTML) 23 Page - Semtech Corporation

Back Button LLCC68 Datasheet HTML 19Page - Semtech Corporation LLCC68 Datasheet HTML 20Page - Semtech Corporation LLCC68 Datasheet HTML 21Page - Semtech Corporation LLCC68 Datasheet HTML 22Page - Semtech Corporation LLCC68 Datasheet HTML 23Page - Semtech Corporation LLCC68 Datasheet HTML 24Page - Semtech Corporation LLCC68 Datasheet HTML 25Page - Semtech Corporation LLCC68 Datasheet HTML 26Page - Semtech Corporation LLCC68 Datasheet HTML 27Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 111 page
background image
LLCC68
Data Sheet
Rev. 1.1
DS.LLCC68.W.APP
Dec 2024
23 of 111
Semtech
LLCC68
www.semtech.com
When using the LoRa modulation with LowDataRateOptimize set to 0x00 (see Section Table 13-50: "LoRa ModParam4 -
LowDataRateOptimize" on page 86 ), the total frequency drift over the packet transmission time should be minimized and kept lower than
Freq_drift_max:
When possible, using LowDataRateOptimize set to 0x01 significantly relaxes the total frequency drift over the packet transmission
requirement to 16 x Freq_drift_max.
Note: Recommendations for heat dissipation techniques to be applied to the PCB designs are given in detail in the application note
AN1200.37 “Recommendations for Best Performance” on www.semtech.com.
In miniaturized design implementations where heat dissipations techniques cannot be implemented or the use of the
LowDataRateOptimize is not supported, the use of a TCXO provides a more stable clock reference.
4.1.3 XTAL Control Block
The LLCC68 does not require the user to set external foot capacitors on the XTAL supplying the 32MHz clock. Indeed, the device is fitted
with internal programmable capacitors connected independently to the pins XTA and XTB of the device. Each capacitor can be set
independently, balanced or unbalanced to each other, by 0.47pF typical steps, but they cannot be deactivated.
Note: When using an XTAL:
At POR or when waking-up from Sleep in cold start mode, the trimming cap registers are initialized at the value 0x05 (13.6pF). Once
the device is set in STDBY_XOSC mode, the internal state machine overwrites both registers to the value 0x12 (19.7pF).
Therefore, the user must ensure the device is already in STDBY_XOSC mode before changing the trimming cap values so that they
are not overwritten by the state machine.
Note: When using a TCXO:
Once the command SetDIO3AsTCXOCtrl(...) is sent to the device, the register controlling the internal cap on XTA is
automatically changed to 0x2F (33.4pF) to filter any spurious transitions which could occur and be propagated to the PLL.
Table 4-1: Internal Foot Capacitor Configuration
Pin
Register Address
Typical Values
XTA
0x0911
Each capacitor can be controlled independently in steps of
0.47pF added to the minimal value:
•0x00 sets the trimming cap to 11.3pF (minimum)
•0x2F sets the trimming cap to 33.4pF (maximum)
XTB
0x0912



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com