Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LLCC68 Datasheet(PDF) 21 Page - Semtech Corporation

Part # LLCC68
Description  Long Range, Low Power, sub-GHz RF Transceiver
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

LLCC68 Datasheet(HTML) 21 Page - Semtech Corporation

Back Button LLCC68 Datasheet HTML 17Page - Semtech Corporation LLCC68 Datasheet HTML 18Page - Semtech Corporation LLCC68 Datasheet HTML 19Page - Semtech Corporation LLCC68 Datasheet HTML 20Page - Semtech Corporation LLCC68 Datasheet HTML 21Page - Semtech Corporation LLCC68 Datasheet HTML 22Page - Semtech Corporation LLCC68 Datasheet HTML 23Page - Semtech Corporation LLCC68 Datasheet HTML 24Page - Semtech Corporation LLCC68 Datasheet HTML 25Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 111 page
background image
LLCC68
Data Sheet
Rev. 1.1
DS.LLCC68.W.APP
Dec 2024
21 of 111
Semtech
LLCC68
www.semtech.com
3.5.4 Transmit Mode Specifications
3.5.5 Digital I/O Specifications
Table 3-9: Transmit Mode Specifications
Symbol
Description
Conditions
Min
Typ
Max
Unit
TXOP
Maximum RF output power
Highest power step setting
-
+22
-
dBm
TXDRP
RF output power drop
versus supply voltage
+22dBm, VBAT = 2.7V
+22dBm, VBAT = 2.4V
+22dBm, VBAT = 1.8V
-
-
-
2
3
6
-
-
-
dB
dB
dB
TXPRNG
RF output power range
Programmable in 31 steps, typical value
TXOP-31
-
TXOP
dBm
TXACC
RF output power step accuracy
-
± 2
-
dB
TXRMP
Power amplifier ramping time
Programmable
10
-
3400
s
TS_TX
Tx wake-up time
Frequency Synthesizer enabled
-
36 + PA
ramping
-
s
Table 3-10: Digital I/O Specifications
Symbol
Description
Conditions
Min
Typ
Max
Unit
VIH
Input High Voltage
-
0.7*VBAT_IO 1
1. Excluding pin DIO3, which is referenced to VBAT.
-
VBAT_IO 1+0.3
V
VIL
Input Low Voltage
-
-0.3
-
0.3*VBAT_IO 1
V
VIL_N
Input Low Voltage for pin NRESET
-
-0.3
-
0.2*VBAT
V
VOH
Output High Voltage
Imax = -2.5mA
0.9*VBAT_IO 1
-
VBAT_IO 1
V
VOL
Output Low Voltage
Imax = 2.5mA
0
-
0.1*VBAT_IO 1
V
Ileak
Digital input leakage current
(NSS, MOSI, SCK)
-
-1
-
1
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com