Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LLCC68 Datasheet(PDF) 8 Page - Semtech Corporation

Part # LLCC68
Description  Long Range, Low Power, sub-GHz RF Transceiver
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

LLCC68 Datasheet(HTML) 8 Page - Semtech Corporation

Back Button LLCC68 Datasheet HTML 4Page - Semtech Corporation LLCC68 Datasheet HTML 5Page - Semtech Corporation LLCC68 Datasheet HTML 6Page - Semtech Corporation LLCC68 Datasheet HTML 7Page - Semtech Corporation LLCC68 Datasheet HTML 8Page - Semtech Corporation LLCC68 Datasheet HTML 9Page - Semtech Corporation LLCC68 Datasheet HTML 10Page - Semtech Corporation LLCC68 Datasheet HTML 11Page - Semtech Corporation LLCC68 Datasheet HTML 12Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 111 page
background image
LLCC68
Data Sheet
Rev. 1.1
DS.LLCC68.W.APP
Dec 2024
8 of 111
Semtech
LLCC68
www.semtech.com
List of Tables
Table 2-1: LLCC68 Pinout In QFN 4x4 24L................................................................................ 12
Table 3-1: ESD and Latch-up Notice ........................................................................................ 14
Table 3-2: Absolute Maximum Ratings ................................................................................... 14
Table 3-3: Operating Range..................................................................................................... 14
Table 3-4: Crystal Specifications.............................................................................................. 15
Table 3-5: Power Consumption............................................................................................... 16
Table 3-6: Power Consumption in Transmit Mode ................................................................. 17
Table 3-7: General Specifications............................................................................................ 18
Table 3-8: Receive Mode Specifications.................................................................................. 19
Table 3-9: Transmit Mode Specifications................................................................................ 21
Table 3-10: Digital I/O Specifications ...................................................................................... 21
Table 4-1: Internal Foot Capacitor Configuration.................................................................... 23
Table 4-2: Intermediate Frequencies in FSK Mode ................................................................. 25
Table 4-3: Intermediate Frequencies in LoRa Mode ............................................................... 26
Table 4-4: Power Amplifier Summary ..................................................................................... 30
Table 5-1: Regulation Type versus Circuit Mode..................................................................... 31
Table 5-2: OCP Configuration.................................................................................................. 31
Table 5-3: Recommended 15µH Inductors.............................................................................. 33
Table 6-1: Range of Spreading Factors (SF)............................................................................. 35
Table 6-2: Signal Bandwidth Setting in LoRa® Mode............................................................... 35
Table 6-3: Coding Rate Overhead............................................................................................ 36
Table 6-4: Registers and Values............................................................................................... 38
Table 6-5: Bandwidth Definition in FSK Packet Type............................................................... 39
Table 6-6: Whitening Initial Value........................................................................................... 43
Table 6-7: CRC Type Configuration.......................................................................................... 44
Table 6-8: CRC Initial Value ..................................................................................................... 44
Table 6-9: CRC Polynomial....................................................................................................... 44
Table 8-1: SPI Timing Requirements........................................................................................ 49
Table 8-2: Switching Time ....................................................................................................... 51
Table 8-3: Digital Pads Configuration for each Chip Mode ..................................................... 52
Table 8-4: IRQ Status Registers ............................................................................................... 53
Table 9-1: LLCC68 Operating Modes ....................................................................................... 55
Table 9-2: Image Calibration Over the ISM Bands................................................................... 56
Table 9-3: Rx Gain Configuration............................................................................................. 57
Table 10-1: SPI Interface Command Sequence ....................................................................... 60
Table 11-1: Commands Selecting the Operating Modes of the Radio .................................... 61
Table 11-2: Commands to Access the Radio Registers and FIFO Buffer.................................. 62
Table 11-3: Commands Controlling the Radio IRQs and DIOs................................................. 62
Table 11-4: Commands Controlling the RF and Packets Settings............................................ 62
Table 11-5: Commands Returning the Radio Status................................................................ 63
Table 12-1: List of Registers .................................................................................................... 64
Table 13-1: SetSleep SPI Transaction ...................................................................................... 66
Table 13-2: Sleep Mode Definition.......................................................................................... 66
Table 13-3: SetConfig SPI Transaction..................................................................................... 67
Table 13-4: STDBY Mode Configuration .................................................................................. 67
Table 13-5: SetFs SPI Transaction............................................................................................ 67
Table 13-6: SetTx SPI Transaction ........................................................................................... 68
Table 13-7: SetTx Timeout Duration ....................................................................................... 68



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com