Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LLCC68 Datasheet(PDF) 56 Page - Semtech Corporation

Part # LLCC68
Description  Long Range, Low Power, sub-GHz RF Transceiver
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

LLCC68 Datasheet(HTML) 56 Page - Semtech Corporation

Back Button LLCC68 Datasheet HTML 52Page - Semtech Corporation LLCC68 Datasheet HTML 53Page - Semtech Corporation LLCC68 Datasheet HTML 54Page - Semtech Corporation LLCC68 Datasheet HTML 55Page - Semtech Corporation LLCC68 Datasheet HTML 56Page - Semtech Corporation LLCC68 Datasheet HTML 57Page - Semtech Corporation LLCC68 Datasheet HTML 58Page - Semtech Corporation LLCC68 Datasheet HTML 59Page - Semtech Corporation LLCC68 Datasheet HTML 60Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 111 page
background image
LLCC68
Data Sheet
Rev. 1.1
DS.LLCC68.W.APP
Dec 2024
56 of 111
Semtech
LLCC68
www.semtech.com
9.2.1 Image Calibration for Specific Frequency Bands
Image calibration is done through the command CalibrateImage(...) for a given range of frequencies defined by the parameters freq1
and freq2. Once performed, the calibration is valid for all frequencies between the two extremes used as parameters. Typically, the user
can select the parameters freq1 and freq2 to cover any specific ISM band.
In case of POR or when the device is recovering from Sleep mode in cold start mode, the image calibration is performed as part of the initial
calibration process and for optimal image rejection in the band 902 - 928MHz. However at this stage the internal state machine has no
information whether an XTAL or a TCXO is fitted. When the 32MHz clock is coming from a TCXO, the calibration fails and the user should
request a complete calibration after calling the function SetDIO3AsTcxoCtrl(...).
By default, the image calibration is made in the band 902 - 928MHz. Nevertheless, it is possible to request the device to perform a new
image calibration at other frequencies. For other frequency bands, a new function is available to setup the frequency using the parameters
floor and ceil frequency in MHz. This is located in the SX126x drivers sx126x.c file:
sx126x_status_t sx126x_cal_img_in_mhz( const void* context, const uint16_t freq1_in_mhz, const uint16_t
freq2_in_mhz )
The pseudo-code is written hereafter:
#define SX126X_IMAGE_CALIBRATION_STEP_IN_MHZ 4
sx126x_status_t sx126x_cal_img_in_mhz( const void* context, const uint16_t freq1_in_mhz, const uint16_t
freq2_in_mhz )
{
// Perform a floor() to get a value for freq1 corresponding to a frequency < or = freq1_in_mhz
const uint8_t freq1 = freq1_in_mhz / SX126X_IMAGE_CALIBRATION_STEP_IN_MHZ;
// Perform a ceil() to get a value for freq2 corresponding to a frequency > or = freq2_in_mhz
const uint8_t freq2 = ( freq2_in_mhz + SX126X_IMAGE_CALIBRATION_STEP_IN_MHZ - 1 ) /
SX126X_IMAGE_CALIBRATION_STEP_IN_MHZ;
return sx126x_cal_img( context, freq1, freq2 );
}
9.3 Sleep Mode
In this mode, most of the radio internal blocks are powered down or in low power mode and optionally the RC64k clock and the timer are
running. The chip may enter this mode from STDBY_RC and can leave the SLEEP mode if one of the following events occurs:
• NSS pin goes low in any case
• RTC timer generates an End-Of-Count (corresponding to Listen mode)
When the radio is in Sleep mode, the BUSY pin is held high.
Table 9-2: Image Calibration Over the ISM Bands
Frequency Band [MHz]
Freq1
Freq2
430 - 440
0x6B
0x6F
470 - 510
0x75
0x81
779 - 787
0xC1
0xC5
863 - 870
0xD7
0xDB
902 - 928
0xE1 (default)
0xE9 (default)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com