Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LLCC68 Datasheet(PDF) 82 Page - Semtech Corporation

Part # LLCC68
Description  Long Range, Low Power, sub-GHz RF Transceiver
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

LLCC68 Datasheet(HTML) 82 Page - Semtech Corporation

Back Button LLCC68 Datasheet HTML 78Page - Semtech Corporation LLCC68 Datasheet HTML 79Page - Semtech Corporation LLCC68 Datasheet HTML 80Page - Semtech Corporation LLCC68 Datasheet HTML 81Page - Semtech Corporation LLCC68 Datasheet HTML 82Page - Semtech Corporation LLCC68 Datasheet HTML 83Page - Semtech Corporation LLCC68 Datasheet HTML 84Page - Semtech Corporation LLCC68 Datasheet HTML 85Page - Semtech Corporation LLCC68 Datasheet HTML 86Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 111 page
background image
LLCC68
Data Sheet
Rev. 1.1
DS.LLCC68.W.APP
Dec 2024
82 of 111
Semtech
LLCC68
www.semtech.com
13.4 RF Modulation and Packet-Related Functions
13.4.1 SetRfFrequency
The command SetRfFrequency(...) sets the frequency of the RF frequency mode.
The LSB of Freq is equal to the PLL step:
SetRfFrequency(...)
defines the chip frequency in FS, TX and RX modes. In RX, the required IF frequency offset is automatically
configured.
13.4.2 SetPacketType
The command SetPacketType(...) sets the LLCC68 radio in LoRa, or FSK, mode. The command SetPacketType(...) must be the
first of the radio configuration sequence. The parameter for this command is PacketType.
Changing from one mode of operation to another is done using the command SetPacketType(...). The parameters from the previous
mode are not kept internally. The switch from one packet type to another must be done in STDBY_RC mode.
Table 13-36: SetRfFrequency SPI Transaction
Byte
0
1-4
Data from host
Opcode = 0x86
RfFreq(31:0)
Table 13-37: SetPacketType SPI Transaction
Byte
0
1
Data from host
Opcode = 0x8A
PacketType
Table 13-38: PacketType Definition
PacketType
Value
Modem Mode of Operation
PACKET_TYPE_GFSK
0x00
GFSK packet type
PACKET_TYPE_LoRa
0x01
LoRa mode
RFfrequency
RFFreq*FXTAL
25
2
-------------------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com