Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LLCC68 Datasheet(PDF) 99 Page - Semtech Corporation

Part # LLCC68
Description  Long Range, Low Power, sub-GHz RF Transceiver
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

LLCC68 Datasheet(HTML) 99 Page - Semtech Corporation

Back Button LLCC68 Datasheet HTML 95Page - Semtech Corporation LLCC68 Datasheet HTML 96Page - Semtech Corporation LLCC68 Datasheet HTML 97Page - Semtech Corporation LLCC68 Datasheet HTML 98Page - Semtech Corporation LLCC68 Datasheet HTML 99Page - Semtech Corporation LLCC68 Datasheet HTML 100Page - Semtech Corporation LLCC68 Datasheet HTML 101Page - Semtech Corporation LLCC68 Datasheet HTML 102Page - Semtech Corporation LLCC68 Datasheet HTML 103Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 111 page
background image
LLCC68
Data Sheet
Rev. 1.1
DS.LLCC68.W.APP
Dec 2024
99 of 111
Semtech
LLCC68
www.semtech.com
14. Application
14.1 HOST API Basic Read Write Function
Communication with the LLCC68 is organized around generic functions which allow users to control the device behavior. Each function is
based on an Operational Command (referred to throughout this document as “Opcode”) followed by a set of parameters. The LLCC68 uses
the BUSY pin to indicate the status of the chip. In the following chapters, it is assumed that host microcontroller has an SPI and access to it
via spi.write(data). Data is an 8-bit word. The SPI chip select is defined by NSS, active low.
14.2 Circuit Configuration for Basic Tx Operation
This chapter describes the sequence of operations needed to send or receive a frame starting from a power up.
After power up (battery insertion or hard reset) the chip runs automatically a calibration procedure and goes to STDBY_RC mode. This is
indicated by a low state on BUSY pin. From this state the steps are:
1. If not in STDBY_RC mode, then go to this mode with command SetStandby(...)
2. Define the protocol (LoRa or FSK) with command SetPacketType(...)
3. Define the RF frequency with command SetRfFrequency(...)
4. Define the Power Amplifier configuration with command SetPaConfig(...)
5. Define output power and ramping time with command SetTxParams(...)
6. Define where the data payload is stored with command SetBufferBaseAddress(...)
7. Send the payload to the data buffer with command WriteBuffer(...)
8. Define the modulation parameter according to the chosen protocol with command SetModulationParams(...)1
9. Define the frame format to be used with command SetPacketParams(...)2
10. Configure DIO and IRQ: use command SetDioIrqParams(...) to select TxDone IRQ and map this IRQ to a DIO (DIO1, DIO2 or DIO3)
11. Define Sync Word value: use command WriteReg(...) to write the value of the register via direct register access
12. Set the circuit in transmitter mode to start transmission with command SetTx(). Use the parameter to enable Timeout
13. Wait for the IRQ TxDone or Timeout: once the packet has been sent the chip goes automatically to STDBY_RC mode
14. Clear the IRQ TxDone flag
1. Please refer to Section 15.1
2. Please refer to Section 15.2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com