Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LLCC68 Datasheet(PDF) 94 Page - Semtech Corporation

Part # LLCC68
Description  Long Range, Low Power, sub-GHz RF Transceiver
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

LLCC68 Datasheet(HTML) 94 Page - Semtech Corporation

Back Button LLCC68 Datasheet HTML 90Page - Semtech Corporation LLCC68 Datasheet HTML 91Page - Semtech Corporation LLCC68 Datasheet HTML 92Page - Semtech Corporation LLCC68 Datasheet HTML 93Page - Semtech Corporation LLCC68 Datasheet HTML 94Page - Semtech Corporation LLCC68 Datasheet HTML 95Page - Semtech Corporation LLCC68 Datasheet HTML 96Page - Semtech Corporation LLCC68 Datasheet HTML 97Page - Semtech Corporation LLCC68 Datasheet HTML 98Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 111 page
background image
LLCC68
Data Sheet
Rev. 1.1
DS.LLCC68.W.APP
Dec 2024
94 of 111
Semtech
LLCC68
www.semtech.com
13.5 Communication Status Information
These commands return the information about the chip status, and received packet such a packet length, received power during packet,
several flags indicating if the packet as been correctly received. The returned parameters differ for the LoRa protocol.
13.5.1 GetStatus
The host can retrieve chip status directly through the command GetStatus(): this command can be issued at any time and the device
returns the status of the device. The command GetStatus() is not strictly necessary since device returns status information also on
command bytes. The status byte returned is described in Table 13-76.
The SPI transaction for the command GetStatus() is given in the following table.
Table 13-76: Status Bytes Definition
7
6:4
3:1
0
Reserved
Chip mode
Command status
Reserved
-
0x0: Unused
0x0: Reserved
-
RFU
RFU
0x2: STBY_RC
0x2: Data is available to host1
1. A packet has been successfully received and data can be retrieved
0x3: STBY_XOSC
0x3: Command timeout2
2. A transaction from host took too long to complete and triggered an internal watchdog. The watchdog mechanism can be disabled by host; it is
meant to ensure all outcomes are flagged to the host MCU
0x4: FS
0x4: Command processing error3
3. Processor was unable to process command either because of an invalid opcode or because an incorrect number of parameters has been provided
0x5: RX
0x5: Failure to execute command4
4. The command was successfully processed, however the chip could not execute the command; for instance it was unable to enter the specified
device mode or send the requested data
0x6: TX
0x6: Command TX done5
5. The transmission of the current packet has terminated
Table 13-77: GetStatus SPI Transaction
Byte
0
1
Data from host
Opcode = 0xC0
NOP
Data to host
RFU
Status



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com