Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LLCC68 Datasheet(PDF) 72 Page - Semtech Corporation

Part # LLCC68
Description  Long Range, Low Power, sub-GHz RF Transceiver
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

LLCC68 Datasheet(HTML) 72 Page - Semtech Corporation

Back Button LLCC68 Datasheet HTML 68Page - Semtech Corporation LLCC68 Datasheet HTML 69Page - Semtech Corporation LLCC68 Datasheet HTML 70Page - Semtech Corporation LLCC68 Datasheet HTML 71Page - Semtech Corporation LLCC68 Datasheet HTML 72Page - Semtech Corporation LLCC68 Datasheet HTML 73Page - Semtech Corporation LLCC68 Datasheet HTML 74Page - Semtech Corporation LLCC68 Datasheet HTML 75Page - Semtech Corporation LLCC68 Datasheet HTML 76Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 111 page
background image
LLCC68
Data Sheet
Rev. 1.1
DS.LLCC68.W.APP
Dec 2024
72 of 111
Semtech
LLCC68
www.semtech.com
Figure 13-2: RX Duty Cycle Energy Profile
Upon preamble detection, the radio is set to look for a Sync Word (in GFSK) or a header (in LoRa) and the timer is restarted with a new value
which is computed as
2 * rxPeriod + sleepPeriod. This is to ensure that the radio does not spend an indefinite amount of time waiting in Rx
for a packet which may never arrive (false preamble detection).
This implies a strong relationship between the time-on-air of the packet to be received, and the amount of time the radio spends in RX and
in SLEEP mode. If a long preamble is used on the TX side, care must be taken that the formula below is respected:
Tpreamble + Theader ≤ 2 * rxPeriod + sleepPeriod
Figure 13-3: RX Duty Cycle when Receiving
Note: When using a TCXO controlled by the LLCC68 itself, the startup delay defined in delay(23:0) is added between the Sleep and
Rx periods.
time
Radio Current
rxPeriod
sleepPeriod
500 us
Radio in SLEEP mode
Radio in RX mode
Radio in STDBY_RC
500 us
Radio in RX mode
time
Radio Current
Preamble Detected
2 x rxPeriod + sleepPeriod
Radio in RX mode
Radio in STDBY_RC
500 us
Radio in SLEEP mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com