Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LLCC68 Datasheet(PDF) 28 Page - Semtech Corporation

Part # LLCC68
Description  Long Range, Low Power, sub-GHz RF Transceiver
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

LLCC68 Datasheet(HTML) 28 Page - Semtech Corporation

Back Button LLCC68 Datasheet HTML 24Page - Semtech Corporation LLCC68 Datasheet HTML 25Page - Semtech Corporation LLCC68 Datasheet HTML 26Page - Semtech Corporation LLCC68 Datasheet HTML 27Page - Semtech Corporation LLCC68 Datasheet HTML 28Page - Semtech Corporation LLCC68 Datasheet HTML 29Page - Semtech Corporation LLCC68 Datasheet HTML 30Page - Semtech Corporation LLCC68 Datasheet HTML 31Page - Semtech Corporation LLCC68 Datasheet HTML 32Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 111 page
background image
LLCC68
Data Sheet
Rev. 1.1
DS.LLCC68.W.APP
Dec 2024
28 of 111
Semtech
LLCC68
www.semtech.com
4.4.1 Power Amplifier Specifics
Caution!
All figures below are indicative and typical, and are not a specification. These figures only highlight behavior of the PA over voltage and
current.
Figures are given with DC-DC regulation enabled, which applies only to the circuit core.
The PA is optimized for maximum output power whilst maximizing the efficiency, which makes it mandatory to supply the power amplifier
with fairly high voltages to maintain an high output power. To summarize:
• The current efficiency of the PA is optimal at the highest output power step
• Output power is limited by the voltage supplied to VBAT
This is illustrated in the following figure:
Figure 4-4: VR_PA versus Output Power on the LLCC68
The internal regulator for VR_PA has a little less than 200mV of drop-out, which means VBAT must be 200mV higher than the published
VR_PA voltages in order to attain the corresponding output power. For example, for Pout = +20dBm, VR_PA = 2.5V is required, which means
that the LLCC68 is able to maintain Pout = +20dBm on the 2.7V < VBAT < 3.7V voltage range. Below 2.7V, the output power degrades as VBAT
reduces.
As can be seen from the blue curve on Figure 4-4: VR_PA versus Output Power on the LLCC68, the LLCC68 is capable of supplying almost
1.7V when VBAT = 1.8V, which, in turn, makes the output power plateau at +17dBm for all power settings above +17dBm.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com