Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LLCC68 Datasheet(PDF) 18 Page - Semtech Corporation

Part # LLCC68
Description  Long Range, Low Power, sub-GHz RF Transceiver
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

LLCC68 Datasheet(HTML) 18 Page - Semtech Corporation

Back Button LLCC68 Datasheet HTML 14Page - Semtech Corporation LLCC68 Datasheet HTML 15Page - Semtech Corporation LLCC68 Datasheet HTML 16Page - Semtech Corporation LLCC68 Datasheet HTML 17Page - Semtech Corporation LLCC68 Datasheet HTML 18Page - Semtech Corporation LLCC68 Datasheet HTML 19Page - Semtech Corporation LLCC68 Datasheet HTML 20Page - Semtech Corporation LLCC68 Datasheet HTML 21Page - Semtech Corporation LLCC68 Datasheet HTML 22Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 111 page
background image
LLCC68
Data Sheet
Rev. 1.1
DS.LLCC68.W.APP
Dec 2024
18 of 111
Semtech
LLCC68
www.semtech.com
3.5.2 General Specifications
Table 3-7: General Specifications
Symbol
Description
Conditions
Min
Typ
Max
Unit
FR
Synthesizer frequency range
150
-
960
MHz
FSTEP
Synthesizer frequency step
Bit 2 of TxModulation = 1 (main use)
Bit 2 of TxModulation = 0 (see Section 15.)
-
-
0.95
122
-
-
Hz
Hz
PHN1 2
1. Phase Noise specifications are given for the recommended PLL BW to be used for the specific modulation/BR, optimized settings may be used for
specific applications.
2. Phase Noise is not constant over frequency, due to the topology of the PLL, for two frequencies close to each other, the phase noise could change
significantly.
Synthesizer phase noise
(for 868 / 915MHz)
1kHz offset
10kHz offset
100kHz offset
1MHz offset
10MHz offset
-
-
-
-
-
-75
-95
-100
-120
-135
-
-
-
-
-
dBc/Hz
dBc/Hz
dBc/Hz
dBc/Hz
dBc/Hz
TS_FS
Synthesizer wake-up time
From STDBY_XOSC mode
-
40
-
s
TS_OSC
Crystal oscillator
wake-up time
from STDBY_RC3
3. Wake-up time till crystal oscillator frequency is within +/- 10ppm.
-
150
-
s
OSC_TRM
Crystal oscillator trimming
range for crystal frequency error
compensation 4
4. OSC_TRIM is the available trimming range to compensate for crystal initial frequency error and to allow crystal temperature compensation
implementation; the total available trimming range is higher and allows the compensation for all IC process variations.
+/-15
+/-30
-
ppm
BR_F
Bit rate, FSK
Programmable
Minimum modulation index is 0.5
0.6
-
500 5
kb/s
FDA
Frequency deviation, FSK
Programmable
0.6
-
300
kHz
BR_L
Bit rate LoRa
Min. for SF9, BW_L = 125kHz
Max. for SF5, BW_L = 500kHz
1.76
-
62.5 6
kb/s
BW_L
Signal BW, LoRa
Programmable
125
-
500 6
kHz
SF
Spreading factor for LoRa
Programmable, chips/symbol = 2^SF
5
-
97
108
119
-
VTCXO
Regulated voltage range for TCXO
voltage supply
Min/Max values in typical conditions,
Typ value for default setting
VDDop > VTCXO + 200mV
1.6
1.7
3.3
V
ILTCXO
Load current for TCXO regulator
-
1.5
4
mA
TSVTCXO
Start-up time for TCXO regulator
From enable to regulated voltage
within 25mV from target
-
-
100
s
IDDTCXO Current consumption of the TCXO
regulator
Quiescent current
Relative to load current
-
-
-
1
70
2
A
%
ATCXO
Amplitude voltage for external
TCXO applied to XTA pin
Provided through a 220 resistor
in series with a 10pF capacitance. See
Section 4.1.4 "TCXO Control Block" on page 24
0.2
0.6
1.2
Vpk-pk



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com