Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LLCC68 Datasheet(PDF) 22 Page - Semtech Corporation

Part # LLCC68
Description  Long Range, Low Power, sub-GHz RF Transceiver
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

LLCC68 Datasheet(HTML) 22 Page - Semtech Corporation

Back Button LLCC68 Datasheet HTML 18Page - Semtech Corporation LLCC68 Datasheet HTML 19Page - Semtech Corporation LLCC68 Datasheet HTML 20Page - Semtech Corporation LLCC68 Datasheet HTML 21Page - Semtech Corporation LLCC68 Datasheet HTML 22Page - Semtech Corporation LLCC68 Datasheet HTML 23Page - Semtech Corporation LLCC68 Datasheet HTML 24Page - Semtech Corporation LLCC68 Datasheet HTML 25Page - Semtech Corporation LLCC68 Datasheet HTML 26Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 111 page
background image
LLCC68
Data Sheet
Rev. 1.1
DS.LLCC68.W.APP
Dec 2024
22 of 111
Semtech
LLCC68
www.semtech.com
4. Circuit Description
Figure 4-1: LLCC68 Block Diagram
The LLCC68 half-duplex RF transceiver operates in the sub-GHz frequency bands which support constant envelope modulation schemes such
as LoRa and FSK constant envelope modulation schemes.
4.1 Clock References
4.1.1 RC Frequency References
Two RC oscillators are available: 64kHz and 13MHz RC oscillators. The 64kHz RC oscillator (RC64k) is optionally used by the circuit in SLEEP
mode to wake-up the transceiver when performing periodic or duty cycled operations. Several commands make use of this 64kHz RC
oscillator (called RTC across this document) to generate time-based events. The 13MHz RC oscillator (RC13M) is enabled for all SPI
communications to permit configuration of the device without the need to start the crystal oscillator. Both RC oscillators are supplied
directly from the battery.
4.1.2 High-Precision Frequency Reference
In the LLCC68, the high-precision frequency reference can come either from an on-chip crystal oscillator (OSC) using an external crystal
resonator or from an external TCXO (Temperature Compensated Crystal Oscillator), supplied by an internal regulator.
The LLCC68 comes in a small form factor 4 x 4 mm QFN package and is able to transmit up to +22dBm. When in transmit mode the circuit
may heat up depending on the output power and current consumption. Careful PCB design using thermal isolation techniques must be
applied between the circuit and the crystal resonator to avoid transferring the heat to the external crystal resonator.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com