Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LLCC68 Datasheet(PDF) 35 Page - Semtech Corporation

Part # LLCC68
Description  Long Range, Low Power, sub-GHz RF Transceiver
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

LLCC68 Datasheet(HTML) 35 Page - Semtech Corporation

Back Button LLCC68 Datasheet HTML 31Page - Semtech Corporation LLCC68 Datasheet HTML 32Page - Semtech Corporation LLCC68 Datasheet HTML 33Page - Semtech Corporation LLCC68 Datasheet HTML 34Page - Semtech Corporation LLCC68 Datasheet HTML 35Page - Semtech Corporation LLCC68 Datasheet HTML 36Page - Semtech Corporation LLCC68 Datasheet HTML 37Page - Semtech Corporation LLCC68 Datasheet HTML 38Page - Semtech Corporation LLCC68 Datasheet HTML 39Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 111 page
background image
LLCC68
Data Sheet
Rev. 1.1
DS.LLCC68.W.APP
Dec 2024
35 of 111
Semtech
LLCC68
www.semtech.com
The capability to receive signals with negative SNR increases the sensitivity, link budget and range of the LoRa receiver.
A higher spreading factor provides better receiver sensitivity at the expense of longer transmission times (time-on-air).
With a knowledge of the key parameters that can be selected by the user, the LoRa symbol rate is defined as:
where BW is the programmed bandwidth and SF is the spreading factor. The transmitted signal is a constant envelope signal.
Equivalently, one chip is sent per second per Hz of bandwidth.
6.1.1.2 Bandwidth
An increase in signal bandwidth permits the use of a higher effective data rate, thus reducing transmission time at the expense of reduced
sensitivity improvement.
The LoRa modem operates at a programmable bandwidth (BW_L) around a programmable central frequency fRF
Figure 6-1: LoRa® Signal Bandwidth
An increase in LoRa signal bandwidth (BW_L) permits the use of a higher effective data rate, thus reducing transmission time at the expense
of reduced sensitivity improvement. There are regulatory constraints in most countries on the permissible occupied bandwidth. The LoRa
modem bandwidth always refers to the double side band (DSB). The range of LoRa signal bandwidths available is given in the table below:
For BW_L up to 250kHz, the receiver performs a double conversion. A first down conversion to low- IF is performed inside the RF chain, a
second conversion to baseband is performed digitally inside the baseband modem. When the 500kHz bandwidth is used, a single
down-conversion to zero-IF is performed in the RF part.
Table 6-1: Range of Spreading Factors (SF)
Spreading Factor (SF)1
1. Not all SF are available for any bandwidth with the LLCC68
5
6
7
8
9
10
11
2^SF (Chips / Symbol)
32
64
128
256
512
1024
2048
Typical LoRa Demodulator SNR [dB]
-2.5
-5
-7.5
-10
-12.5
-15
-17.5
Table 6-2: Signal Bandwidth Setting in LoRa® Mode
Signal Bandwidth
7
8
9
BW_L [kHz] 0
1250
250 1
1. For RF frequencies below 400MHz, there is a scaling
between the frequency and supported BW, some BW
may not be available below 400MHz
500 1
Rs
BW
2SF
---------
=
f
fRF
fRF BWL
2
------------
+
fRF BWL
2
------------
–
BW_L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com