Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LLCC68 Datasheet(PDF) 86 Page - Semtech Corporation

Part # LLCC68
Description  Long Range, Low Power, sub-GHz RF Transceiver
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

LLCC68 Datasheet(HTML) 86 Page - Semtech Corporation

Back Button LLCC68 Datasheet HTML 82Page - Semtech Corporation LLCC68 Datasheet HTML 83Page - Semtech Corporation LLCC68 Datasheet HTML 84Page - Semtech Corporation LLCC68 Datasheet HTML 85Page - Semtech Corporation LLCC68 Datasheet HTML 86Page - Semtech Corporation LLCC68 Datasheet HTML 87Page - Semtech Corporation LLCC68 Datasheet HTML 88Page - Semtech Corporation LLCC68 Datasheet HTML 89Page - Semtech Corporation LLCC68 Datasheet HTML 90Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 111 page
background image
LLCC68
Data Sheet
Rev. 1.1
DS.LLCC68.W.APP
Dec 2024
86 of 111
Semtech
LLCC68
www.semtech.com
13.4.5.2 LoRa Modulation Parameters
The tables below provide more details on the LoRa modulation parameters:
Table 13-47: LoRa ModParam1- SF
SF
Description
0x05
SF5
0x06
SF6
0x07
SF7
0x08
SF8
0x09
SF9
0x0A
SF10
0x0B
SF11
Table 13-48: LoRa ModParam2 - BW
BW
Description
0x04
LoRa_BW_125 (125kHz real)
0x05
LoRa_BW_250 (250kHz real)
0x06
LoRa_BW_500 (500kHz real)
Table 13-49: LoRa ModParam3 - CR1
1. Long interleaver increases robustness against interferers
CR
Description
0x01
LoRa_CR_4_5
0x02
LoRa_CR_4_6
0x03
LoRa_CR_4_7
0x04
LoRa_CR_4_8
0x05
LoRa_CR_4_5_LI
0x06
LoRa_CR_4_6_LI
0x07
LoRa_CR_4_8_LI
Table 13-50: LoRa ModParam4 - LowDataRateOptimize
LowDataRateOptimize
Description
0x00
LowDataRateOptimize OFF
0x01
LowDataRateOptimize ON



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com