Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LLCC68 Datasheet(PDF) 95 Page - Semtech Corporation

Part # LLCC68
Description  Long Range, Low Power, sub-GHz RF Transceiver
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

LLCC68 Datasheet(HTML) 95 Page - Semtech Corporation

Back Button LLCC68 Datasheet HTML 91Page - Semtech Corporation LLCC68 Datasheet HTML 92Page - Semtech Corporation LLCC68 Datasheet HTML 93Page - Semtech Corporation LLCC68 Datasheet HTML 94Page - Semtech Corporation LLCC68 Datasheet HTML 95Page - Semtech Corporation LLCC68 Datasheet HTML 96Page - Semtech Corporation LLCC68 Datasheet HTML 97Page - Semtech Corporation LLCC68 Datasheet HTML 98Page - Semtech Corporation LLCC68 Datasheet HTML 99Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 111 page
background image
LLCC68
Data Sheet
Rev. 1.1
DS.LLCC68.W.APP
Dec 2024
95 of 111
Semtech
LLCC68
www.semtech.com
13.5.2 GetRxBufferStatus
This command returns the length of the last received packet (PayloadLengthRx) and the address of the first byte received
(RxStartBufferPointer). It is applicable to all modems. The address is an offset relative to the first byte of the data buffer.
13.5.3 GetPacketStatus
The next table gives the description of the different RSSI and SNR available on the chip depending on the packet type.
Table 13-78: GetRxBufferStatus SPI Transaction
Byte
0
1
2
3
Data from host
Opcode = 0x13
NOP
NOP
NOP
Data to host
RFU
Status
PayloadLengthRx
RxStartBufferPointer
Table 13-79: GetPacketStatus SPI Transaction
Byte
0
1
2
3
4
Data from host
Opcode = 0x14
NOP
NOP
NOP
NOP
Data to host for FSK packet type
RFU
Status
RxStatus
RssiSync
RssiAvg
Data to host for LoRa packet type
RFU
Status
RssiPkt
SnrPkt
SignalRssiPkt
Table 13-80: Status Fields (Sheet 1 of 2)
RSSI
Description
RxStatus
FSK
bit 7: preamble err
bit 6: sync err
bit 5: adrs err
bit 4: crc err
bit 3: length err
bit 2: abort err
bit 1: pkt received
bit 0: pkt sent
RssiSync
FSK
RSSI value latched upon the detection of the sync address.
[negated,dBm, fixdt(0,8,1)]
Actual signal power is –RssiSync/2 (dBm)
RssiAvg
FSK
RSSI average value over the payload of the received packet. Latched upon the pkt_done IRQ.
[negated,dBm, fixdt(0,8,1)]
Actual signal power is –RssiAvg/2 (dBm)
RssiPkt
LoRa
Average over last packet received of RSSI
Actual signal power is –RssiPkt/2 (dBm)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com