Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LLCC68 Datasheet(PDF) 98 Page - Semtech Corporation

Part # LLCC68
Description  Long Range, Low Power, sub-GHz RF Transceiver
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

LLCC68 Datasheet(HTML) 98 Page - Semtech Corporation

Back Button LLCC68 Datasheet HTML 94Page - Semtech Corporation LLCC68 Datasheet HTML 95Page - Semtech Corporation LLCC68 Datasheet HTML 96Page - Semtech Corporation LLCC68 Datasheet HTML 97Page - Semtech Corporation LLCC68 Datasheet HTML 98Page - Semtech Corporation LLCC68 Datasheet HTML 99Page - Semtech Corporation LLCC68 Datasheet HTML 100Page - Semtech Corporation LLCC68 Datasheet HTML 101Page - Semtech Corporation LLCC68 Datasheet HTML 102Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 111 page
background image
LLCC68
Data Sheet
Rev. 1.1
DS.LLCC68.W.APP
Dec 2024
98 of 111
Semtech
LLCC68
www.semtech.com
13.6 Miscellaneous
13.6.1 GetDeviceErrors
This command returns possible errors flag that could occur during different chip operation as described below.
The following table gives the meaning of each OpError.
13.6.2 ClearDeviceErrors
This command clears all the errors recorded in the device. The errors can not be cleared independently.
Table 13-85: GetDeviceErrors SPI Transaction
Byte
0
1
2-3
Data from host
Opcode = 0x17
NOP
NOP
Data to host
RFU
Status
OpError(15:0)
Table 13-86: OpError Bits
OpError
0
1
bit 0
RC64K_CALIB_ERR
RC64k calibration failed
bit 1
RC13M_CALIB_ERR
RC13M calibration failed
bit 2
PLL_CALIB_ERR
PLL calibration failed
bit 3
ADC_CALIB_ERR
ADC calibration failed
bit 4
IMG_CALIB_ERR
IMG calibration failed
bit 5
XOSC_START_ERR
XOSC failed to start
bit 6
PLL_LOCK_ERR
PLL failed to lock
bit 7
RFU
RFU
bit 8
PA_RAMP_ERR
PA ramping failed
bit 15:9
RFU
RFU
Table 13-87: ClearDeviceErrors SPI Transaction
Byte
0
1
2
Data from host
Opcode = 0x07
0x00
0x00
Data to host
RFU
Status
Status



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com