Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LLCC68 Datasheet(PDF) 88 Page - Semtech Corporation

Part # LLCC68
Description  Long Range, Low Power, sub-GHz RF Transceiver
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

LLCC68 Datasheet(HTML) 88 Page - Semtech Corporation

Back Button LLCC68 Datasheet HTML 84Page - Semtech Corporation LLCC68 Datasheet HTML 85Page - Semtech Corporation LLCC68 Datasheet HTML 86Page - Semtech Corporation LLCC68 Datasheet HTML 87Page - Semtech Corporation LLCC68 Datasheet HTML 88Page - Semtech Corporation LLCC68 Datasheet HTML 89Page - Semtech Corporation LLCC68 Datasheet HTML 90Page - Semtech Corporation LLCC68 Datasheet HTML 91Page - Semtech Corporation LLCC68 Datasheet HTML 92Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 111 page
background image
LLCC68
Data Sheet
Rev. 1.1
DS.LLCC68.W.APP
Dec 2024
88 of 111
Semtech
LLCC68
www.semtech.com
The Sync Word is directly programmed into the device through simple register access. The tables below provide the addresses to program
the Sync Word value. If the Sync Word is not aligned on 8 bits, it must be padded with a preamble pattern.
The node address and the broadcast address are directly programmed into the device through simple register access. The tables below
provide the addresses to program the values.
Table 13-55: Sync Word Programming
Sync Word
Register Address
Byte 0
0x06C0
Byte 1
0x06C1
Byte 2
0x06C2
Byte 3
0x06C3
Byte 4
0x06C4
Byte 5
0x06C5
Byte 6
0x06C6
Byte 7
0x06C7
Table 13-56: GFSK PacketParam5 - AddrComp
AddrComp
Description
0x00
Address Filtering Disable
0x01
Address Filtering activated on Node address
0x02
Address Filtering activated on Node and broadcast addresses
Table 13-57: Node Address Programming
Register Address
Default value
NodeAddrReg
0x06CD
0x00
Table 13-58: Broadcast Address Programming
Register Address
Default value
BroadcastReg
0x06CE
0x00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com