Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LLCC68 Datasheet(PDF) 43 Page - Semtech Corporation

Part # LLCC68
Description  Long Range, Low Power, sub-GHz RF Transceiver
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

LLCC68 Datasheet(HTML) 43 Page - Semtech Corporation

Back Button LLCC68 Datasheet HTML 39Page - Semtech Corporation LLCC68 Datasheet HTML 40Page - Semtech Corporation LLCC68 Datasheet HTML 41Page - Semtech Corporation LLCC68 Datasheet HTML 42Page - Semtech Corporation LLCC68 Datasheet HTML 43Page - Semtech Corporation LLCC68 Datasheet HTML 44Page - Semtech Corporation LLCC68 Datasheet HTML 45Page - Semtech Corporation LLCC68 Datasheet HTML 46Page - Semtech Corporation LLCC68 Datasheet HTML 47Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 111 page
background image
LLCC68
Data Sheet
Rev. 1.1
DS.LLCC68.W.APP
Dec 2024
43 of 111
Semtech
LLCC68
www.semtech.com
6.2.3.4 Whitening
The whitening process is built around a 9-bit LFSR which is used to generate a random sequence and the payload (including the payload
length, the Node or Broadcast address and CRC checksum when needed) is then XORed with this random sequence to generate the
whitened payload. The data is de-whitened on the receiver side by XORing with the same random sequence. This setup limits the number
of consecutive 1’s or 0’s to 9.
Note: Data whitening is only required when the user data has high correlation with long strings of 0’s and 1’s. If the data is already
random then the whitening is not required. For example a random source generating the Transmit data, when whitened, could
produce longer strings of 1’s and 0’s, thus it’s not required to randomize an already random sequence.
Figure 6-5: Data Whitening LFSR
The whitening is based around the 9-bit LFSR polynomial x^9+x^5+1. With this structure, the LSB at the output of the LFSR is XORed with
the MSB of the data.
At the initial stage, each flip-flop of the LFSR can be initialized through the registers at addresses 0x06B8 and 0x6B9.
Table 6-6: Whitening Initial Value
Whitening Initial Value
Register Address
Default Value
Whitening initial value MSB
0x06B8
0x01
Whitening initial value LSB
0x06B9
0x00
X 7
X 6
X 5
X 4
X 3
X 2
X 1
X 0
X 8
LFS R P o ly nom ia l =X 9 + X 5 + 1
T ransm it data
W hitened data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com