Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LLCC68 Datasheet(PDF) 39 Page - Semtech Corporation

Part # LLCC68
Description  Long Range, Low Power, sub-GHz RF Transceiver
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

LLCC68 Datasheet(HTML) 39 Page - Semtech Corporation

Back Button LLCC68 Datasheet HTML 35Page - Semtech Corporation LLCC68 Datasheet HTML 36Page - Semtech Corporation LLCC68 Datasheet HTML 37Page - Semtech Corporation LLCC68 Datasheet HTML 38Page - Semtech Corporation LLCC68 Datasheet HTML 39Page - Semtech Corporation LLCC68 Datasheet HTML 40Page - Semtech Corporation LLCC68 Datasheet HTML 41Page - Semtech Corporation LLCC68 Datasheet HTML 42Page - Semtech Corporation LLCC68 Datasheet HTML 43Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 111 page
background image
LLCC68
Data Sheet
Rev. 1.1
DS.LLCC68.W.APP
Dec 2024
39 of 111
Semtech
LLCC68
www.semtech.com
6.2 FSK Modem
6.2.1 Modulation Parameter
The FSK modem is able to perform transmission and reception of 2-FSK modulated packets over a range of data rates from 0.6kbps to
500kbps. All parameters are set by using the command SetModulationParams(...). This function should be called only after defining
the protocol.
The bitrate setting is referenced to the crystal oscillator and provides a precise means of setting the bit rate (or equivalently chip) rate of
the radio. In the command SetModulationParams(...), the bitrate is expressed as 32 times the XTAL frequency divided the real bit rate
used by the device. The generic formula is:
FSK modulation is performed inside the PLL bandwidth, by changing the fractional divider ratio in the feedback loop of the PLL. The high
resolution of the sigma-delta modulator, allows for very narrow frequency deviation. The frequency deviation Fdev is one of the parameters
of the function SetModulationParams(...) and is expressed as:
where:
Additionally, in transmission mode, several shaping filters can be applied to the signal. In reception mode, the user needs to select the best
reception bandwidth depending on its conditions. To ensure correct demodulation, the following limit must be respected for the selection
of the bandwidth:
The bandwidth is defined by parameter BW as described in the following table.
Table 6-5: Bandwidth Definition in FSK Packet Type (Sheet 1 of 2)
BW
Value
Bandwidth [kHz DSB]
BW4
0x1F
4.8
BW5
0x17
5.8
BW7
0x0F
7.3
BW9
0x1E
9.7
BW11
0x16
11.7
BW14
0x0E
14.6
BW19
0x1D
19.5
BW23
0x15
23.4
BW29
0x0D
29.3
BW39
0x1C
39.0
BR
FXOSC
BitRate
--------------------*32
=
Fdev
FdevHz
FreqStep
------------------------
=
FreqStep
XtalFreq
225
------------------------
=
2*Fdev BR
+
BW
<



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com