Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LLCC68 Datasheet(PDF) 61 Page - Semtech Corporation

Part # LLCC68
Description  Long Range, Low Power, sub-GHz RF Transceiver
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

LLCC68 Datasheet(HTML) 61 Page - Semtech Corporation

Back Button LLCC68 Datasheet HTML 57Page - Semtech Corporation LLCC68 Datasheet HTML 58Page - Semtech Corporation LLCC68 Datasheet HTML 59Page - Semtech Corporation LLCC68 Datasheet HTML 60Page - Semtech Corporation LLCC68 Datasheet HTML 61Page - Semtech Corporation LLCC68 Datasheet HTML 62Page - Semtech Corporation LLCC68 Datasheet HTML 63Page - Semtech Corporation LLCC68 Datasheet HTML 64Page - Semtech Corporation LLCC68 Datasheet HTML 65Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 111 page
background image
LLCC68
Data Sheet
Rev. 1.1
DS.LLCC68.W.APP
Dec 2024
61 of 111
Semtech
LLCC68
www.semtech.com
11. List of Commands
The following tables list all commands and their corresponding opcode. Unless specified, all parameters are 8-bit values.
11.1
Operational Modes Commands
These functions have a direct impact on the behaviour of the device. They control the internal state machine to transmit or receive packets,
and all the modes in-between.
Table 11-1: Commands Selecting the Operating Modes of the Radio
Command
Opcode
Parameters
Description
SetSleep
0x84
sleepConfig
Set Chip in SLEEP mode
SetStandby
0x80
standbyConfig
Set Chip in STDBY_RC or STDBY_XOSC mode
SetFs
0xC1
-
Set Chip in Frequency Synthesis mode
SetTx
0x83
timeout[23:0]
Set Chip in Tx mode
SetRx
0x82
timeout[23:0]
Set Chip in Rx mode
StopTimerOnPreamble
0x9F
StopOnPreambleParam
Stop Rx timeout on Sync Word/Header or preamble
detection
SetRxDutyCycle
0x94
rxPeriod[23:0], sleepPeriod[23:0]
Store values of RTC setup for listen mode and if period
parameter is not 0, set chip into RX mode
SetCad
0xC5
-
Set chip in RX mode with passed CAD parameters
SetTxContinuousWave
0xD1
-
Set chip in TX mode with infinite carrier wave settings
SetTxInfinitePreamble
0xD2
-
Set chip into TX mode with infinite preamble settings
SetRegulatorMode
0x96
regModeParam
Select LDO or DC_DC+LDO for CFG_XOSC, FS, RX or TX
mode
Calibrate
0x89
calibParam
Calibrate the RC13, RC64, ADC, PLL, Image according to
parameter
CalibrateImage
0x98
freq1, freq2
Launches image calibration at the given frequencies
SetPaConfig
0x95
paDutyCycle, HpMax, deviceSel, paLUT
Configure Duty Cycle, Max output power, device for
the PA
SetRxTxFallbackMode
0x93
fallbackMode
Defines into which mode the chip goes after a TX / RX
done



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com