Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LLCC68 Datasheet(PDF) 97 Page - Semtech Corporation

Part # LLCC68
Description  Long Range, Low Power, sub-GHz RF Transceiver
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

LLCC68 Datasheet(HTML) 97 Page - Semtech Corporation

Back Button LLCC68 Datasheet HTML 93Page - Semtech Corporation LLCC68 Datasheet HTML 94Page - Semtech Corporation LLCC68 Datasheet HTML 95Page - Semtech Corporation LLCC68 Datasheet HTML 96Page - Semtech Corporation LLCC68 Datasheet HTML 97Page - Semtech Corporation LLCC68 Datasheet HTML 98Page - Semtech Corporation LLCC68 Datasheet HTML 99Page - Semtech Corporation LLCC68 Datasheet HTML 100Page - Semtech Corporation LLCC68 Datasheet HTML 101Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 111 page
background image
LLCC68
Data Sheet
Rev. 1.1
DS.LLCC68.W.APP
Dec 2024
97 of 111
Semtech
LLCC68
www.semtech.com
13.5.5 GetStats
This command returns the number of informations received on a few last packets. The command is valid for all protocols.
13.5.6 ResetStats
This command resets the value read by the command GetStats. To execute this command, the OpCode is 0x00 followed by 6 zeros (so 7
zeros in total).
LLCC6X_GFSK_BW_117300
102
8
LLCC6X_GFSK_BW_156200
80
6
LLCC6X_GFSK_BW_187200
67
5
LLCC6X_GFSK_BW_234300
54
4
LLCC6X_GFSK_BW_312000
44
3
LLCC6X_GFSK_BW_373600
37
2.5
LLCC6X_GFSK_BW_467000
30
2
Table 13-83: GetStats SPI Transaction
Byte
0
1
2-3
4-5
6-7
Data from host
Opcode = 0x10
NOP
NOP
NOP
NOP
Data to host in GFSK
packet type
RFU
Status
NbPktReceived(15:0)
NbPktCrcError(15:0)
NbPktLengthError(15:0)
Data to host in LoRa
packet type
RFU
Status
NbPktReceived(15:0)
NbPktCrcError(15:0)
NbPktHeaderErr(15:0)
Table 13-84: ResetStats SPI Transaction
Byte
0
1-6
Data from host
OpCode = 0x00
0x00
Table 13-82: RSSI Settling Time per Bandwidth
Bandwidth
RSSI delay (s)
RSSI averaging window (s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com