Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LLCC68 Datasheet(PDF) 68 Page - Semtech Corporation

Part # LLCC68
Description  Long Range, Low Power, sub-GHz RF Transceiver
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

LLCC68 Datasheet(HTML) 68 Page - Semtech Corporation

Back Button LLCC68 Datasheet HTML 64Page - Semtech Corporation LLCC68 Datasheet HTML 65Page - Semtech Corporation LLCC68 Datasheet HTML 66Page - Semtech Corporation LLCC68 Datasheet HTML 67Page - Semtech Corporation LLCC68 Datasheet HTML 68Page - Semtech Corporation LLCC68 Datasheet HTML 69Page - Semtech Corporation LLCC68 Datasheet HTML 70Page - Semtech Corporation LLCC68 Datasheet HTML 71Page - Semtech Corporation LLCC68 Datasheet HTML 72Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 111 page
background image
LLCC68
Data Sheet
Rev. 1.1
DS.LLCC68.W.APP
Dec 2024
68 of 111
Semtech
LLCC68
www.semtech.com
13.1.4 SetTx
The command SetTx() sets the device in transmit mode.
• Starting from STDBY_RC mode, the oscillator is switched ON followed by the PLL, then the PA is switched ON and the PA regulator starts
ramping according to the ramping time defined by the command SetTxParams(...)
• When the ramping is completed the packet handler starts the packet transmission
• When the last bit of the packet has been sent, an IRQ TX_DONE is generated, the PA regulator is ramped down, the PA is switched OFF
and the chip goes back to STDBY_RC mode
• A TIMEOUT IRQ is triggered if the TX_DONE IRQ is not generated within the given timeout period
• The chip goes back to STBY_RC mode after a TIMEOUT IRQ or a TX_DONE IRQ.
The timeout duration can be computed with the formula:
Timeout duration = Timeout * 15.625µs
Timeout is a 23-bit parameter defining the number of step used during timeout as defined in the following table.
The value given for the timeout should be calculated for a given packet size, given modulation and packet parameters. The timeout behaves
as a security in case of conflicting commands from the host controller.
The timeout in Tx mode can be used as a security to ensure that if for any reason the Tx is aborted or does not succeed (i.e. the TxDone IRQ
never is never triggered), the TxTimeout prevents the system from waiting for an undefined amount of time. Using the timeout while in Tx
mode removes the need to use resources from the host MCU to perform the same task.
Table 13-6: SetTx SPI Transaction
Byte
0
1-3
Data from host
Opcode = 0x83
timeout(23:0)
Table 13-7: SetTx Timeout Duration
Timeout(23:0)
Timeout Duration
0x000000
Timeout disable, Tx Single mode, the device stays in TX Mode until the packet is transmitted and returns in
STBY_RC mode upon completion.
Others
Timeout active, the device remains in TX mode, it returns automatically to STBY_RC mode on timer
end-of-count or when a packet has been transmitted. The maximum timeout is then 262s.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com