Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LLCC68 Datasheet(PDF) 92 Page - Semtech Corporation

Part # LLCC68
Description  Long Range, Low Power, sub-GHz RF Transceiver
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

LLCC68 Datasheet(HTML) 92 Page - Semtech Corporation

Back Button LLCC68 Datasheet HTML 88Page - Semtech Corporation LLCC68 Datasheet HTML 89Page - Semtech Corporation LLCC68 Datasheet HTML 90Page - Semtech Corporation LLCC68 Datasheet HTML 91Page - Semtech Corporation LLCC68 Datasheet HTML 92Page - Semtech Corporation LLCC68 Datasheet HTML 93Page - Semtech Corporation LLCC68 Datasheet HTML 94Page - Semtech Corporation LLCC68 Datasheet HTML 95Page - Semtech Corporation LLCC68 Datasheet HTML 96Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 111 page
background image
LLCC68
Data Sheet
Rev. 1.1
DS.LLCC68.W.APP
Dec 2024
92 of 111
Semtech
LLCC68
www.semtech.com
13.4.7 SetCadParams
The command SetCadConfig(...) defines the number of symbols on which CAD operates.
The number of symbols used is defined in the following table.
Parameters cadDetPeak and cadDetMin define the sensitivity of the LoRa modem when trying to correlate to actual LoRa preamble symbols.
These two settings depend on the LoRa spreading factor and Bandwidth, but also depend on the number of symbols used to validate or not
the detection. Choosing the right value is not easy and the values selected must be carefully tested to ensure a good detection at sensitivity
level, and also to limit the number of false detections. Application note AN1200.48 provides guidance for the selection of these parameters.
The parameter cadExitMode defines the action to be done after a CAD operation. This is optional.
The parameter cadTimeout is only used when the CAD is performed with cadExitMode = CAD_RX. Here, the cadTimeout indicates the time
the device stays in Rx following a successful CAD.
Rx Timeout = cadTimeout * 15.625
Table 13-71: SetCadParams SPI Transaction
Byte
0
1
2
3
4
5-7
Data from host
Opcode = 0x88
cadSymbolNum
cadDetPeak
cadDetMin
cadExitMode
cadTimeout(23:0)
Table 13-72: CAD Number of Symbol Definition
cadSymbolNum
Value
Number of Symbols used for CAD
CAD_ON_1_SYMB
0x00
1
CAD_ON_2_SYMB
0x01
2
CAD_ON_4_SYMB
0x02
4
CAD_ON_8_SYMB
0x03
8
CAD_ON_16_SYMB
0x04
16
Table 13-73: CAD Exit Mode Definition
cadExitMode
Value
Operation
CAD_ONLY
0x00
The chip performs the CAD operation in LoRa. Once done and whatever the activity on the channel,
the chip goes back to STBY_RC mode.
CAD_RX
0x01
The chip performs a CAD operation and if an activity is detected, it stays in RX until a packet is
detected or the timer reaches the timeout defined by cadTimeout * 15.625us



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com