Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LLCC68 Datasheet(PDF) 73 Page - Semtech Corporation

Part # LLCC68
Description  Long Range, Low Power, sub-GHz RF Transceiver
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

LLCC68 Datasheet(HTML) 73 Page - Semtech Corporation

Back Button LLCC68 Datasheet HTML 69Page - Semtech Corporation LLCC68 Datasheet HTML 70Page - Semtech Corporation LLCC68 Datasheet HTML 71Page - Semtech Corporation LLCC68 Datasheet HTML 72Page - Semtech Corporation LLCC68 Datasheet HTML 73Page - Semtech Corporation LLCC68 Datasheet HTML 74Page - Semtech Corporation LLCC68 Datasheet HTML 75Page - Semtech Corporation LLCC68 Datasheet HTML 76Page - Semtech Corporation LLCC68 Datasheet HTML 77Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 111 page
background image
LLCC68
Data Sheet
Rev. 1.1
DS.LLCC68.W.APP
Dec 2024
73 of 111
Semtech
LLCC68
www.semtech.com
13.1.8 SetCAD
The command SetCAD() can only be used in LoRa packet types. The Channel Activity Detection is a LoRa specific mode of operation where
the device searches for the presence of a LoRa preamble signal. After the search has completed, the device returns in STDBY_RC mode. The
length of the search is configured via the command SetCadParams(...). At the end of the search period, the device triggers the IRQ
CADdone if it has been enabled. If a valid signal has been detected it also generates the IRQ CadDetected.
13.1.9 SetTxContinuousWave
SetTxContinuousWave()
is a test command for all packet types to generate a continuous wave (RF tone) at selected frequency and
output power. The device stays in TX continuous wave until the host sends a mode configuration command.
While this command has no real use case in real life, it can provide valuable help to the developer to check and monitor the performances
of the radio while in Tx mode.
13.1.10 SetTxInfinitePreamble
SetTxInfinitePreamble()
is a test command that generates an infinite sequence of alternating zeros and ones in FSK modulation. In
LoRa, the radio constantly modulates LoRa preamble symbols. The device remains in TX infinite preamble until the host sends a mode
configuration command.
While this command has no real use case in real life, it can provide valuable help to the developer to check and monitor the performances
of the radio while modulating in Tx mode.
However, when using this function, it is impossible to define any data sent by the device. In LoRa mode, the radio is only able to constantly
modulate LoRa preamble symbols and, in FSK mode, the radio is only able to generate FSK preamble (0x55). Nevertheless, the end user can
easily monitor the spectral impact of its modulation parameters.
Table 13-13: SetCAD SPI Transaction
Byte
0
Data from host
Opcode = 0xC5
Table 13-14: SetTxContinuousWave SPI Transaction
Byte
0
Data from host
Opcode = 0xD1
Table 13-15: SetTxInfinitePreamble SPI Transaction
Byte
0
Data from host
Opcode = 0xD2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com