Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LLCC68 Datasheet(PDF) 55 Page - Semtech Corporation

Part # LLCC68
Description  Long Range, Low Power, sub-GHz RF Transceiver
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

LLCC68 Datasheet(HTML) 55 Page - Semtech Corporation

Back Button LLCC68 Datasheet HTML 51Page - Semtech Corporation LLCC68 Datasheet HTML 52Page - Semtech Corporation LLCC68 Datasheet HTML 53Page - Semtech Corporation LLCC68 Datasheet HTML 54Page - Semtech Corporation LLCC68 Datasheet HTML 55Page - Semtech Corporation LLCC68 Datasheet HTML 56Page - Semtech Corporation LLCC68 Datasheet HTML 57Page - Semtech Corporation LLCC68 Datasheet HTML 58Page - Semtech Corporation LLCC68 Datasheet HTML 59Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 111 page
background image
LLCC68
Data Sheet
Rev. 1.1
DS.LLCC68.W.APP
Dec 2024
55 of 111
Semtech
LLCC68
www.semtech.com
9. Operational Modes
The LLCC68 features six operating modes. The analog front-end and digital blocks that are enabled in each operating mode are explained in
the following table.
9.1 Startup
At power-up or after a reset, the chip goes into STARTUP state, the control of the chip being done by the sleep state machine operating at
the battery voltage. The BUSY pin is set to high indicating that the chip is busy and cannot accept a command. When the digital voltage and
RC clock become available, the chip can boot up and the CPU takes control. At this stage the BUSY line goes down and the device is ready
to accept commands.
9.2 Calibration
The calibration procedure is automatically called in case of POR or via the calibration command. Parameters can be added to the calibrate
command to identify which section of calibration should be repeated. The following blocks can be calibrated:
• RC64k using the 32MHz crystal oscillator as reference
• RC13M using the 32MHz crystal oscillator as reference
• PLL to select the proper VCO frequency and division ratio for any RF frequency
• RX ADC
• Image (RX mode with defined tone)
Once the calibration is finished, the chip enters STDBY_RC mode.
Table 9-1: LLCC68 Operating Modes
Mode
Enabled Blocks
SLEEP
Optional registers, backup regulator, RC64k oscillator, data RAM
STDBY_RC
Top regulator (LDO), RC13M oscillator
STDBY_XOSC
Top regulator (DC-DC or LDO), XOSC
FS
All of the above + Frequency synthesizer at Tx frequency
Tx
Frequency synthesizer and transmitter, Modem
Rx
Frequency synthesizer and receiver, Modem



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com