Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LLCC68 Datasheet(PDF) 65 Page - Semtech Corporation

Part # LLCC68
Description  Long Range, Low Power, sub-GHz RF Transceiver
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

LLCC68 Datasheet(HTML) 65 Page - Semtech Corporation

Back Button LLCC68 Datasheet HTML 61Page - Semtech Corporation LLCC68 Datasheet HTML 62Page - Semtech Corporation LLCC68 Datasheet HTML 63Page - Semtech Corporation LLCC68 Datasheet HTML 64Page - Semtech Corporation LLCC68 Datasheet HTML 65Page - Semtech Corporation LLCC68 Datasheet HTML 66Page - Semtech Corporation LLCC68 Datasheet HTML 67Page - Semtech Corporation LLCC68 Datasheet HTML 68Page - Semtech Corporation LLCC68 Datasheet HTML 69Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 111 page
background image
LLCC68
Data Sheet
Rev. 1.1
DS.LLCC68.W.APP
Dec 2024
65 of 111
Semtech
LLCC68
www.semtech.com
LoRa CRC configuration Rx
0x076B
0x00
Bit 4: LoRa CRC configuration extracted from the
header - valid only in explicit header mode
DccCtrl
0x0805
0x00
For BW1000 usage2
MixCtrl
0x0806
0x20
For BW1000 usage2
MixMode
0x0818
0x00
For BW1000 usage2
IF Freq[0]
0x088F
0x0C
For BW1000 usage2
IF Freq[1]
0x0890
0x00
For BW1000 usage2
IF Freq[2]
0x0891
0x00
For BW1000 usage2
RandomNumberGen[0]
0x0819
-
Can be used to get a 32-bit random number
RandomNumberGen[1]
0x081A
-
RandomNumberGen[2]
0x081B
-
RandomNumberGen[3]
0x081C
-
TxModulation
0x0889
0x01
Refer to Section 15.
Rx Gain
0x08AC
0x94
Set the gain used in Rx mode:
Rx Power Saving gain: 0x94
Rx Boosted gain: 0x96
TxClampConfig
0x08D8
0xC8
Refer to Section 15.
OCP Configuration
0x08E7
0x18
Set the Over Current Protection level
The value is changed internally depending on the
device selected. Default value:
0x38 (140mA)
RTC Control3
0x0902
0x00
Enable or disable RTC Timer
XTA trim
0x0911
0x05
Value of the trimming cap on XTA pin
This register should only be changed while the radio is
in STDBY_XOSC mode
XTB trim
0x0912
0x05
Value of the trimming cap on XTB pin
This register should only be changed while the radio is
in STDBY_XOSC mode
DIO3 output voltage control
0x920
0x01
Non-standard DIO3 control1
Event Mask
0x944
0x00
Used to clear events1
1. Use only with Semtech-provided code samples
2. Use only with Semtech-provided configuration of Section 6.2.1
3. Use only with Semtech-provided workaround of Section 15.3
Table 12-1: List of Registers (Sheet 2 of 2)
Register Name
Address
Reset Value
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com