Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LLCC68 Datasheet(PDF) 81 Page - Semtech Corporation

Part # LLCC68
Description  Long Range, Low Power, sub-GHz RF Transceiver
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

LLCC68 Datasheet(HTML) 81 Page - Semtech Corporation

Back Button LLCC68 Datasheet HTML 77Page - Semtech Corporation LLCC68 Datasheet HTML 78Page - Semtech Corporation LLCC68 Datasheet HTML 79Page - Semtech Corporation LLCC68 Datasheet HTML 80Page - Semtech Corporation LLCC68 Datasheet HTML 81Page - Semtech Corporation LLCC68 Datasheet HTML 82Page - Semtech Corporation LLCC68 Datasheet HTML 83Page - Semtech Corporation LLCC68 Datasheet HTML 84Page - Semtech Corporation LLCC68 Datasheet HTML 85Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 111 page
background image
LLCC68
Data Sheet
Rev. 1.1
DS.LLCC68.W.APP
Dec 2024
81 of 111
Semtech
LLCC68
www.semtech.com
13.3.6 SetDIO3AsTCXOCtrl
This command configures the chip for an external TCXO reference voltage controlled by DIO3.
When this command is used, the device now controls the TCXO itself through DIO3. When needed (in mode STDBY_XOSC, FS, TX and RX),
the internal state machine is set DIO3 to a predefined output voltage (control through the parameter tcxoVoltage). Internally, the clock
controller waits for the 32MHz to appear before releasing the internal state machine.
The time needed for the 32MHz to appear and stabilize can be controlled through the parameter delay(23:0). If the 32MHz from the TCXO
is not detected internally at the end the delay period, the error XOSC_START_ERR is flagged in the error controller.
The XOSC_START_ERR flag is raised at POR or at wake-up from Sleep mode in a cold-start condition, when a TCXO is used. It is an expected
behaviour since the chip is not yet aware of being clocked by a TCXO. The user should simply clear this flag with the ClearDeviceErrors
command.
The tcxoVoltage byte definition is given in as follows:
tcxoVoltage precision varies with the tcxoVoltage setting value. It is typically +/-50mV for 1.8V setting.
The power regulation for tcxoVoltage is configured to be 200mV below the supply voltage. This means that even if tcxoVoltage is configured
above the supply voltage, the supply voltage is limited by:
VDDop > VTCXO + 200mV
The timeout duration is defined by:
Delay duration = Delay(23:0) *15.625µs
Most TCXO is not be immediately ready at the desired frequency and suffers from an initial setup time where the frequency is gently drifting
towards the wanted frequency. This setup time varies from one TCXO to another and is also dependent on the TCXO manufacturer. To
ensure this setup time does not have any effect on the modulation or packets, the delay value internally gates the 32MHz coming from the
TCXO to give enough time for this initial drift to stabilize. At the end of the delay period, the internal block stops gating the clock and the
radio carries on to the next step.
Note: The user should take the delay period into account when going into Tx or Rx mode from STDBY_RC mode, since the time
needed to switch modes increases with the duration of delay. To avoid increasing the switching mode time, the user can first set the
device in STDBY_XOSC which switches on the TCXO and wait for the delay period. Then, the user can set the device into Tx or Rx
mode without suffering from any delay additional to the internal processing.
Table 13-34: SetDIO3asTCXOCtrl SPI Transaction
Byte
0
1
2-4
Data from host
Opcode = 0x97
tcxoVoltage
delay(23:0)
Table 13-35: tcxoVoltage Configuration Definition
tcxoVoltage
Description
0x00
DIO3 outputs 1.6V to supply the TCXO
0x01
DIO3 outputs 1.7V to supply the TCXO
0x02
DIO3 outputs 1.8V to supply the TCXO
0x03
DIO3 outputs 2.2V to supply the TCXO
0x04
DIO3 outputs 2.4V to supply the TCXO
0x05
DIO3 outputs 2.7V to supply the TCXO
0x06
DIO3 outputs 3.0V to supply the TCXO
0x07
DIO3 outputs 3.3V to supply the TCXO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com