Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LLCC68 Datasheet(PDF) 11 Page - Semtech Corporation

Part # LLCC68
Description  Long Range, Low Power, sub-GHz RF Transceiver
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

LLCC68 Datasheet(HTML) 11 Page - Semtech Corporation

Back Button LLCC68 Datasheet HTML 7Page - Semtech Corporation LLCC68 Datasheet HTML 8Page - Semtech Corporation LLCC68 Datasheet HTML 9Page - Semtech Corporation LLCC68 Datasheet HTML 10Page - Semtech Corporation LLCC68 Datasheet HTML 11Page - Semtech Corporation LLCC68 Datasheet HTML 12Page - Semtech Corporation LLCC68 Datasheet HTML 13Page - Semtech Corporation LLCC68 Datasheet HTML 14Page - Semtech Corporation LLCC68 Datasheet HTML 15Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 111 page
background image
LLCC68
Data Sheet
Rev. 1.1
DS.LLCC68.W.APP
Dec 2024
11 of 111
Semtech
LLCC68
www.semtech.com
1. Architecture
The LLCC68 is a half-duplex transceiver capable of low power operation in the 150-960MHz ISM frequency band. The radio comprises four
main blocks:
1.
Analog Front End: The transmit and receive chains, as well as the data converter interface to ensuing digital blocks. The LLCC68
transceiver is capable of delivering up to +22dBm with the battery supply.
2.
Digital Modem Bank: a range of modulation options is available in the LLCC68:
LoRa Rx/Tx, BW = 125 -250 - 500kHz
LoRa SF = 5 - 6 - 7 - 8 - 9 for BW = 125kHz
LoRa SF = 5 - 6 - 7 - 8 - 9 - 10 for BW = 250kHz
LoRa SF = 5 - 6 - 7 - 8 - 9 - 10 - 11 for BW = 500kHz
(G)FSK Rx/Tx, with BR = 0.6 - 500kb/s
3.
Digital Interface and Control: this comprises all payload data and protocol processing as well as access to configuration of the radio via
the SPI interface.
4.
Power Distribution: two forms of voltage regulation, DC-DC or linear regulator LDO, are available depending upon the design priorities
of the application.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com