Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LLCC68 Datasheet(PDF) 24 Page - Semtech Corporation

Part # LLCC68
Description  Long Range, Low Power, sub-GHz RF Transceiver
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

LLCC68 Datasheet(HTML) 24 Page - Semtech Corporation

Back Button LLCC68 Datasheet HTML 20Page - Semtech Corporation LLCC68 Datasheet HTML 21Page - Semtech Corporation LLCC68 Datasheet HTML 22Page - Semtech Corporation LLCC68 Datasheet HTML 23Page - Semtech Corporation LLCC68 Datasheet HTML 24Page - Semtech Corporation LLCC68 Datasheet HTML 25Page - Semtech Corporation LLCC68 Datasheet HTML 26Page - Semtech Corporation LLCC68 Datasheet HTML 27Page - Semtech Corporation LLCC68 Datasheet HTML 28Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 111 page
background image
LLCC68
Data Sheet
Rev. 1.1
DS.LLCC68.W.APP
Dec 2024
24 of 111
Semtech
LLCC68
www.semtech.com
4.1.4 TCXO Control Block
Under certain circumstances, typically small form factor designs with reduced heat dissipation or environments with extreme temperature
variation, it may be required to use a TCXO (Temperature Compensated Crystal Oscillator) to achieve better frequency accuracy. This
depends on the complete system, transmitter and receiver. The specification FERR_L in Section Table 3-8: "Receive Mode Specifications"
on page 19 provides information on the maximum tolerated frequency offset for optimal receiver performance.
Figure 4-2: TCXO Control Block
When a TCXO is used, it should be connected to pin 3 XTA, through a 220 resistor and a10pF DC-cut capacitor. Pin 4 XTB should be left not
connected. Pin 6 DIO3 can be used to provide a regulated DC voltage to power the TCXO, programmable from 1.6 to 3.3V. VBAT should
always be 200mV higher than the programmed voltage to ensure proper operation. AN1200.59 provides guidelines for the selection of
32MHz TCXOs and associated components.
The nominal current drain is 1.5mA, but the regulator can support up to 4mA of load. A clipped-sine-wave output TCXO is required, with the
output amplitude not exceeding 1.2V peak-to-peak. The commands to enable TCXO mode are described in Section 13.3.6
"SetDIO3AsTCXOCtrl" on page 81 , and that includes DC voltage and timing information.
Note: A complete Reset of the chip as described in Section 8.1 "Reset" on page 48 is required to get back to normal XOSC operation,
after the chip has been set to TCXO mode with the command SetDIO3AsTCXOCtrl.
4.2 Phase-Locked Loop (PLL)
A fractional-N third order sigma-delta PLL acts as the frequency synthesizer for the LO of both receiver and transmitter chains. The LLCC68
can cover continuously all the sub-GHz frequency range 150-960MHz. The PLL is capable of auto-calibration and has low switching-on or
hopping times. Frequency modulation is performed inside the PLL bandwidth. The PLL frequency is derived from the crystal oscillator circuit
which uses an external 32MHz crystal reference.
TCXO
SX1261/SX1262
XTA
XTB (leave open)
DIO3
10 pF
Programmable DC
voltage 1.6 to 3.3 V
1.5 to 4
mA
100 nF
220
:
LLCC68



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com