Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LLCC68 Datasheet(PDF) 69 Page - Semtech Corporation

Part # LLCC68
Description  Long Range, Low Power, sub-GHz RF Transceiver
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

LLCC68 Datasheet(HTML) 69 Page - Semtech Corporation

Back Button LLCC68 Datasheet HTML 65Page - Semtech Corporation LLCC68 Datasheet HTML 66Page - Semtech Corporation LLCC68 Datasheet HTML 67Page - Semtech Corporation LLCC68 Datasheet HTML 68Page - Semtech Corporation LLCC68 Datasheet HTML 69Page - Semtech Corporation LLCC68 Datasheet HTML 70Page - Semtech Corporation LLCC68 Datasheet HTML 71Page - Semtech Corporation LLCC68 Datasheet HTML 72Page - Semtech Corporation LLCC68 Datasheet HTML 73Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 111 page
background image
LLCC68
Data Sheet
Rev. 1.1
DS.LLCC68.W.APP
Dec 2024
69 of 111
Semtech
LLCC68
www.semtech.com
13.1.5 SetRx
The command SetRx() sets the device in receiver mode.
This command sets the chip in RX mode, waiting for the reception of one or several packets. The receiver mode operates with a timeout to
provide maximum flexibility to end users.
When the timeout is active (0x000000 < timeout < 0xFFFFFF), the radio stops the reception at the end of the timeout period unless a
preamble and Sync Word (in GFSK) or Header (in LoRa) has been detected. This is to ensure that a valid packet is not dropped in the middle
of the reception due to the pre-defined timeout. By default, the timer is stopped only if the Sync Word or header has been detected.
However, it is also possible to stop the timer upon preamble detection by using the command StopTimerOnPreamble(...).
Table 13-8: SetRx SPI Transaction
Byte
0
1-3
Data from host
Opcode = 0x82
timeout(23:0)
Table 13-9: SetRx Timeout Duration
Timeout(23:0)
Timeout Duration
0x000000
No timeout. Rx Single mode. The device stays in RX Mode until a reception occurs and the devices return in
STBY_RC mode upon completion
0xFFFFFF
Rx Continuous mode. The device remains in RX mode until the host sends a command to change the operation
mode. The device can receive several packets. Each time a packet is received, a packet done indication is given
to the host and the device automatically searches for a new packet.
Others
Timeout active. The device remains in RX mode, it returns automatically to STBY_RC mode on timer
end-of-count or when a packet has been received. As soon as a packet is detected, the timer is automatically
disabled to allow complete reception of the packet. The maximum timeout is then 262s.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com