Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LLCC68 Datasheet(PDF) 103 Page - Semtech Corporation

Part # LLCC68
Description  Long Range, Low Power, sub-GHz RF Transceiver
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

LLCC68 Datasheet(HTML) 103 Page - Semtech Corporation

Back Button LLCC68 Datasheet HTML 99Page - Semtech Corporation LLCC68 Datasheet HTML 100Page - Semtech Corporation LLCC68 Datasheet HTML 101Page - Semtech Corporation LLCC68 Datasheet HTML 102Page - Semtech Corporation LLCC68 Datasheet HTML 103Page - Semtech Corporation LLCC68 Datasheet HTML 104Page - Semtech Corporation LLCC68 Datasheet HTML 105Page - Semtech Corporation LLCC68 Datasheet HTML 106Page - Semtech Corporation LLCC68 Datasheet HTML 107Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 111 page
background image
LLCC68
Data Sheet
Rev. 1.1
DS.LLCC68.W.APP
Dec 2024
103 of 111
Semtech
LLCC68
www.semtech.com
15.2 Better Resistance of the LLCC68 Tx to Antenna Mismatch
15.2.1 Description
The LLCC68 platform embeds a Power Amplifier (PA) clamping mechanism, backing-off the power when over-voltage conditions are
detected internally. This method is put in place to protect the internal devices and ensure long-term reliability of the chip. Considering a
high-power operation of the LLCC68 (supporting +22dBm on-chip), these “clamping” devices are overly protective, causing the chip to
back-down its output power when even a reasonable mismatch is detected at the PA output. The observation is typically 5 to 6dB less output
power than the expected.
Note: Using the described workaround improves chip functionality, but is not required to ensure long-term reliability, which is
guaranteed with or without workaround.
15.2.2 Workaround
During the chip initialization, the register TxClampConfig should be modified to optimize the PA clamping threshold. Bits 4-1 must be set to
“1111” (default value “0100”).
This register modification must be done after a Power On Reset, or a wake-up from cold Start.
The following pseudo-code can be used as a reference to implement the fix:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com