Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LLCC68 Datasheet(PDF) 104 Page - Semtech Corporation

Part # LLCC68
Description  Long Range, Low Power, sub-GHz RF Transceiver
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

LLCC68 Datasheet(HTML) 104 Page - Semtech Corporation

Back Button LLCC68 Datasheet HTML 100Page - Semtech Corporation LLCC68 Datasheet HTML 101Page - Semtech Corporation LLCC68 Datasheet HTML 102Page - Semtech Corporation LLCC68 Datasheet HTML 103Page - Semtech Corporation LLCC68 Datasheet HTML 104Page - Semtech Corporation LLCC68 Datasheet HTML 105Page - Semtech Corporation LLCC68 Datasheet HTML 106Page - Semtech Corporation LLCC68 Datasheet HTML 107Page - Semtech Corporation LLCC68 Datasheet HTML 108Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 111 page
background image
LLCC68
Data Sheet
Rev. 1.1
DS.LLCC68.W.APP
Dec 2024
104 of 111
Semtech
LLCC68
www.semtech.com
15.3 Implicit Header Mode Timeout Behavior
15.3.1 Description
When receiving LoRa packets in Rx mode with Timeout active, and no header (Implicit Mode), the timer responsible for generating the
Timeout (based on the RTC timer) is not stopped on RxDone event. Therefore, it may trigger an unexpected timeout in any subsequent mode
where the RTC isn’t re-invoked, and therefore reset and re-programmed.
15.3.2 Workaround
It is advised to add the following commands after ANY Rx with Timeout active sequence, which stop the RTC and clear the timeout event, if
any. The register at address 0x0902 is used to stop the counter, while the register at address 0x0944 clears the potential event.
The following pseudo-code can be used as a reference to implement the fix:
15.4 Optimizing the Inverted IQ Operation
15.4.1 Description
When exchanging LoRa packets with inverted IQ polarity, some packet losses may be observed for longer packets.
15.4.2 Workaround
Bit 2 at address 0x0736 must be set to:
• “0” when using inverted IQ polarity (see the SetPacketParam(...) command)
• “1” when using standard IQ polarity
The following pseudo-code can be used as a reference to implement the fix:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com